Electronic Components Datasheet Search
  English  ▼

X  

ML22P802 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ML22P802
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P802 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ML22P802 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22P802 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
3.
PDWN1 command
• command
0
0
1
0
⎯
⎯
⎯
⎯
The PDWN1 command is used to shift the ML22804/ML22808-xxx from a command wait state (both NCR and
BUSY are “H”) to a power down state. However, this command is disabled during playback.
To resume playback after the ML22804/ML22808-xxx has shifted to the power down state, first input the PUP1
or PUP2 command and then input the PLAY command.
CS
Status
Command is being
processed
Power down
SCK
DI
NCR
BUSY
Awaiting command
XT
•XT
Oscillating
Oscillation
stopped
AOUT
GND
1V
After the PDWN1 command is input and after an elapse of command processing time, the oscillation stops and
the AOUT output abruptly changes from approx. 1 V level to GND level.
This abrupt change in the AOUT
output will cause generation of pop noise if the AOUT output is not processed outside.
To suppress pop noise,
input the PDWN2 command.
28/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com