Electronic Components Datasheet Search
  English  ▼

X  

LD1985 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # LD1985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LD1985 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  LD1985 Datasheet HTML 1Page - E-Tech Electronics LTD LD1985 Datasheet HTML 2Page - E-Tech Electronics LTD LD1985 Datasheet HTML 3Page - E-Tech Electronics LTD LD1985 Datasheet HTML 4Page - E-Tech Electronics LTD LD1985 Datasheet HTML 5Page - E-Tech Electronics LTD LD1985 Datasheet HTML 6Page - E-Tech Electronics LTD LD1985 Datasheet HTML 7Page - E-Tech Electronics LTD LD1985 Datasheet HTML 8Page - E-Tech Electronics LTD LD1985 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R102-021.H
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
7
V
INHIBIT Input Voltage
VINH
7
V
Output Current
IOUT
Internally limited
Power Dissipation
PD
Internally limited
Operating Junction Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
81
°C/W
ELECTRICAL CHARACTRISTICS
(TJ=25°C, VIN=VOUT+1V, IOUT=1mA, VSHDN=2V, CI=1μF, CO=1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
VI(OPR)
2.5
7
V
Output Voltage
VOUT
VIN=2.5V
1.470
1.5
1.530
V
IOUT=1 ~ 150mA
1.455
1.545
V
VIN =2.8V
1.764
1.8
1.836
V
IOUT =1 ~ 150mA
1.746
1.854
V
VIN =3.5V
2.450
2.5
2.550
V
IOUT =1 ~ 150mA
2.425
2.575
V
VIN =3.8V
2.744
2.8
2.856
V
IOUT =1 ~ 150mA
2.716
2.884
V
VIN =3.85V
2.793
2.85
2.907
V
IOUT =1 ~ 150mA
2.764
2.936
V
VIN =4.0V
2.940
3.0
3.060
V
IOUT =1 ~ 150mA
2.910
3.090
V
VIN =4.1V
3.038
3.1
3.162
V
IOUT =1 ~ 150mA
3.007
3.193
V
VIN =4.2V
3.136
3.2
3.264
V
IOUT =1 ~ 150mA
3.104
3.296
V
VIN =4.3V
3.234
3.3
3.366
V
IOUT =1 ~ 150mA
3.201
3.399
V
VIN =4.5V
3.430
3.5
3.570
V
IOUT =1 ~ 150mA
3.395
3.605
V
VIN =4.6V
3.528
3.6
3.672
V
IOUT =1 ~ 150mA
3.492
3.708
V
VIN =4.8V
3.724
3.8
3.876
V
IOUT =1 ~ 150mA
3.686
3.914
V
VIN =5.0V
3.920
4
4.080
V
IOUT =1 ~ 150mA
3.880
4.120
V
VIN =5.7V
4.606
4.7
4.794
V
IOUT =1 ~ 150mA
4.559
4.841
V
VIN =6.0V
4.900
5
5.100
V
IOUT =1 ~ 150mA
4.850
5.150
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com