Electronic Components Datasheet Search
  English  ▼

X  

LD1985 Datasheet(PDF) 8 Page - E-Tech Electronics LTD

Part # LD1985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LD1985 Datasheet(HTML) 8 Page - E-Tech Electronics LTD

  LD1985 Datasheet HTML 1Page - E-Tech Electronics LTD LD1985 Datasheet HTML 2Page - E-Tech Electronics LTD LD1985 Datasheet HTML 3Page - E-Tech Electronics LTD LD1985 Datasheet HTML 4Page - E-Tech Electronics LTD LD1985 Datasheet HTML 5Page - E-Tech Electronics LTD LD1985 Datasheet HTML 6Page - E-Tech Electronics LTD LD1985 Datasheet HTML 7Page - E-Tech Electronics LTD LD1985 Datasheet HTML 8Page - E-Tech Electronics LTD LD1985 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R102-021.H
TYPICAL CHARACTERISTICS(Cont.)
80
25
0
75
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
IOUT (mA)
0
VIN=3.5 ~ 6.5V
COUT=10μF
fOSC=1KHz
70
60
40
Supply Voltage Rejection vs Frequency
20
f (KHz)
0
50
30
10
101
102
103
104
VIN=3.5 ~ 6.5V
IOUT=10mA
VOUT=2.5V
COUT=1μF
80
25
0
75
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
IOUT (mA)
0
VIN=3.5 ~ 6.5V
COUT=1μF
fOSC=1KHz
Line Transient
VIN
VOUT
VOUT=2.5V, IOUT=50mA, no CIN, COUT=4.7μF, tR=tF=20ns
Ch1 500mV
20.0mV
CH2
M 10.0μs Ch1
3.96V
Ch2
1
1
100
175
100
175
80
105
Line Transient
VIN
VOUT
VOUT=2.5V, IOUT=50mA, no CIN, COUT=4.7μF, tR=tF=1μs
500mV
20.0mV
CH2
M 10.0μs Ch1
3.96V
1
Ch1
Ch2
2
f (KHz)
70
60
40
Supply Voltage Rejection vs Frequency
20
0
50
30
10
101
102
103
104
VIN=2.8 ~ 5.8V
IOUT=10mA
VOUT=1.8V
COUT=10μF
105
Tek Run:5.00MS/s
Tek Run:5.00MS/s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com