Electronic Components Datasheet Search
  English  ▼

X  

LD1985 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # LD1985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LD1985 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  LD1985 Datasheet HTML 1Page - E-Tech Electronics LTD LD1985 Datasheet HTML 2Page - E-Tech Electronics LTD LD1985 Datasheet HTML 3Page - E-Tech Electronics LTD LD1985 Datasheet HTML 4Page - E-Tech Electronics LTD LD1985 Datasheet HTML 5Page - E-Tech Electronics LTD LD1985 Datasheet HTML 6Page - E-Tech Electronics LTD LD1985 Datasheet HTML 7Page - E-Tech Electronics LTD LD1985 Datasheet HTML 8Page - E-Tech Electronics LTD LD1985 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LD1985
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R102-021.H
VERY LOW DROP AND LOW
NOISE VOLTAGE REGULATOR
LOW ESR CAP. COMPATIBLE,
WITH INHIBIT FUNCTION
DESCRIPTION
The UTC LD1985 is a 150mA fixed output voltage regulator. The
ultra low drop voltage and the low quiescent current make them
particularly suitable for low noise, low power applications, and in battery
powered systems. In sleep mode quiescent current is less than 1μA
when INHIBIT pin is pulled low. Shutdown Logic Control Function is
available on pin 3 (TTL compatible). This means that when the device is
used as local regulator, it is possible to put a part of the board in
standby, decreasing the total power consumption.
An external capacitor, CBYP=10nF, connected between bypass pin
and GND reduce the noise to 30μVrms.
Typical application is in cellular phone, palmtop laptop computer,
personal digital assistant (PDA), personal stereo, camcorder and
camera.
FEATURES
* Very Low Dropout Voltage (280mV at 150mA and 7mV at 1mA Load)
* Very Low Quiescent Current
* Output Current up to 150mA
* Logic Controlled Electronic Shutdown
* Output Voltage of 1.5, 1.8, 2.5, 2.8, 2.85, 3, 3.1, 3.2, 3.3, 3.5, 3.6, 3.8,
4, 4.7, 5V
* Internal Current and Thermal Limit
* Low Output Noise Voltage 30μVrms
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LD1985L-xx-AF5-R
LD1985G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LD1985

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD1985 UTC-LD1985 Datasheet
218Kb / 11P
LINEAR INTEGRATED CIRCUIT
LD1985 UTC-LD1985 Datasheet
253Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985 Datasheet
245Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
LD1985-1.5V UTC-LD1985-1.5V Datasheet
218Kb / 11P
LINEAR INTEGRATED CIRCUIT
LD1985-1.8V UTC-LD1985-1.8V Datasheet
218Kb / 11P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - LD1985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
Jul-2003
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
Jul-2003
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
10-Jul-2008
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Aug-2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
27-Jan-2009
logo
E-Tech Electronics LTD
LD2985 ETL-LD2985 Datasheet
355Kb / 15P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com