Electronic Components Datasheet Search
  English  ▼

X  

RBC20C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RBC20C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC20C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RBC20C Datasheet HTML 1Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(Operating pressure 0.5 MPa) (J)
Operating pressure
(MPa)
Coefficient
0.9
1.8
0.8
1.6
0.7
1.4
0.6
1.2
0.5
1.0
0.4
0.8
0.3
0.6
0.2
0.4
0.1
0.2
Model
12
15
25
11
7
6
5
0.071
0.196
0.442
0.785
1.23
2.01
3.14
4.91
7.79
12.6
19.6
30.7
38.5
50.3
63.6
78.5
123
177
0.085
0.236
0.530
0.942
1.47
2.41
3.77
5.89
9.35
15.1
23.6
36.8
46.2
60.3
76.3
94.2
147
212
0.099
0.274
0.619
1.10
1.72
2.81
4.40
6.87
10.9
17.6
27.5
43.0
53.9
70.4
89.1
110
172
247
0.156
0.432
0.972
1.73
2.70
4.42
6.91
10.8
17.1
27.6
43.2
67.5
84.7
111
140
173
270
389
0.170
0.471
1.06
1.88
2.95
4.83
7.54
11.8
18.7
30.2
47.1
73.6
92.4
121
153
188
295
424
0.212
0.589
1.33
2.36
3.68
6.03
9.42
14.7
23.4
37.7
58.9
92.0
115
151
191
236
368
530
0.353
0.982
2.21
3.93
6.14
10.1
15.7
24.5
39.0
62.8
98.2
153
192
251
318
393
614
884
6
10
15
20
25
32
40
50
63
80
100
125
140
160
180
200
250
300
Stroke absorption
(mm)
RB
„2725
RB
„2015
RB
„1412
RB
„1411
RB
„1007
RB
„0806
RB
„1006
RB
„0805
4
0.057
0.157
0.353
0.628
0.981
—
—
—
—
—
—
—
—
—
—
—
—
—
RB0604
0.1
0.01
0.05
0.5
0.1
1
5
Load mass (kg)
Load mass (kg)
RB0604
RB
„0805 to 2725
1676
Data B
Thrust Energy of Cylinder F1·S
í Operating pressure other than 0.5 MPa:
Multiply by the following coefficient.
Data C
Thrust Energy at Load m·g·s
Data D
Corresponding Mass of
Impacting Object Me
Collision speed
υ (m/s)
The graph of corresponding mass of impacting
object: At room temperature (20 to 25
°C)
Series
RB
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com