Electronic Components Datasheet Search
  English  ▼

X  

RBC20C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RBC20C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC20C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RBC20C Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 9Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
!2
!0 !1
q
rt
io y w e u !3
e!0 !7!5o!4 t!6 !3 qr y u i w !1 !2
Component Parts
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Rolled steel
Special steel
Special steel
Special steel
Special bearing material
Carbon steel
Copper
Piano wire
Copper alloy
Carbon steel
Bearing steel
Special steel
NBR
NBR
NBR
NBR
NBR
Gray coated
Heat treated
Electroless nickel plated
Heat treated
Zinc chromated
Zinc chromated
Zinc chromated
Foam rubber
Only RB(C)2015, 2725
Outer tube
Inner tube
Piston rod
Piston
Bearing
Spring guide
Lock ring
Return spring
Seal holder
Stopper
Steel ball
Set screw
Accumulator
Rod seal
Scraper
Gasket
Gasket
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
Description
Outer tube
Piston
Spring guide
Piston rod
Stopper
Bearing
Return spring
Rod seal
Accumulator
Steel ball
Hexagon socket head cap screw
Hexagon nut
Operating oil
Material
Treatment
Free-cutting steel
Copper alloy
Stainless steel
Carbon steel
Stainless steel
Copper alloy
Piano wire
NBR
NBR
Bearing steel
Special steel
Carbon steel
Mineral oil
Nitriding
—
—
Nitriding
—
—
Zinc trivalent chromated
—
Foam rubber
—
Nickel plated
Nickel plated
—
Description
Material
Treatment
Component Parts
Compressed
Extended
Compressed
RB0604
RB
„0805 to 2725
Construction
Extended
1678
Series
RB
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com