Electronic Components Datasheet Search
  English  ▼

X  

RBC20C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RBC20C
Description  Absorbing impact and noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC20C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RBC20C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 9Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 10Page - List of Unclassifed Manufacturers RBC20C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RB0805
RB0806
RB1006
RB1007
RBC0805
RBC0806
RBC1006
RBC1007
Model
Basic type
With cap
With cap
∗
Basic type dimensions
4
4
4
4
h
Hexagon nut
13.9
13.9
16.2
16.2
C
12
12
14
14
B
8.5
8.5
10
10
Z
45.8
46.8
52.7
53.7
LL
54.3
55.3
62.7
63.7
LL
6.8
6.8
8.7
8.7
E3
40.8
40.8
46.7
46.7
S
33.4
33.4
39
39
L
1.4
1.4
1.4
1.4
a
5
6
6
7
H
2.4
2.4
2.7
2.7
F
6.8
6.8
8.6
8.6
E2
6.8
6.8
8.8
8.8
E1
2.8
2.8
3
3
D
M8 x 1.0
M8 x 1.0
M10 x 1.0
M10 x 1.0
MM
RB1411
RB1412
RB2015
RB2725
RBC1411
RBC1412
RBC2015
RBC2725
Model
Basic type
With cap
With cap
∗
Basic type dimensions
6
6
6
6
h
Hexagon nut
21.9
21.9
31.2
41.6
C
19
19
27
36
B
13.5
13.5
17
23
Z
78.3
79.3
88.2
124
LL
91.8
92.8
105.2
147
LL
12
12
18
25
E3
67.3
67.3
73.2
99
S
58.8
58.8
62.2
86
L
12
12
18
25
K
11
12
15
25
H
3.5
3.5
4
5
F
12
12
18
25
E2
12.2
12.2
18.2
25.2
E1
5
5
6
8
D
M14 x 1.5
M14 x 1.5
M20 x 1.5
M27 x 1.5
MM
Basic type: RB0805, RB0806, RB1006, RB1007
Hexagon Nut
(2 pcs. standard equipment)
With cap: RBC0805, RBC0806
RBC1006, RBC1007
∗ Other dimensions are the same as the basic type.
Basic type: RB1411, RB1412, RB2015, RB2725
With cap: RBC1411, RBC1412
RBC2015, RBC2725
∗ Other dimensions are the same as the basic type.
Dimensions
RB0604
30°
8
3
M6 x 0.75
8
22.5
2
0.9
3
32.5
28.5
4
M6 x 0.75
1679
Cap
Cap bracket
Cap
Cap bracket
Shock Absorber
Series
RB
RB
Individual
-X
„
D-
„
-X
„
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com