Electronic Components Datasheet Search
  English  ▼

X  

MPC-2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
MiniSpeakers
27
1” TO 5” MINI SPEAKERS
Available in bulk only - 50 piece standard bulk pack Qty.
U260X
2” RD
8
375-485
FO-4,500
92.0
0.2
0.33
U260SX
2” SQ
8
375-485
FO-4,500
92.0
0.2
0.33
U208X
2 3/4”RD
8
260-340
FO-4,000
95.0
0,3
0.42
R305X
3 1/2”RD
8
210-260
FO-5,000
94.5
0.5
0.42
G4CA10X
4”Pin Cushion
8
430-530
FO-5,000
89
.15
10 *
G23AF.5X
2”x 3”SQ
8
430-530
FO-5,000
89
.15
.57
A5CF3X
5”Pin Cushion
8
430-530
FO-5,000
89
.15
3 *
MODEL
NO.
DIA
INCH
FREQUENCY
RANGE
(Hz)
SENSIT
dB
POWER
NOM
WATTS
ALINCO
MAG
WHT
OZ.
RESONANT
FREQ
(Hz)
IMP
OHMS
SQ-SQUARE
RD-ROUND
*CERAMIC MAGNET
ECONOMICAL
COMMUNICATION
EXTENSION SPEAKER
• Compact size
• Mounting bracket with hardware
• 10 foot cable with 3.5mm mini plug
• 2.7”L x 4.5”W x 4.5”H • 4” • 8 Ohms
• 5 Watt
PROFESSIONAL
COMMUNICATION SPEAKER
PERFECT FOR CELL PHONES
• Includes bracket with magnet
• 7’ cord with mini plug • 8 Ohms
• 5 Watt • 1.25”L x 3”W 2.75”H
CBS-200
CBS-100
• 5 Watt • Speaker 4” polypropylene • Max. power 5W • Impedance 8 Ohms
• Weatherproof professional marine communications extension speaker with polypropylene cone
• ABS plastic case w/stainless steel hardware and 180º deluxe adjustable mounting bracket
• Prewired 10 ft. cable and 3.5mm miniature plug
White
CBS-240W
Black
CBS-240
10W AMPLIFIED DELUXE
PROFESSIONAL
COMMUNICATIONS
EXTENSION SPEAKER
DELUXE PROFESSIONAL
COMMUNICATIONS EXTENSION
SPEAKER
• Swivel bracket for all angles
• ABS plastic enclosure
• Voltage 12V DC Input
• Impedance 4-8 Ohms
• 10W amplified power
• 4” - 10W speaker
and soft padded grille
• Complete with
10 ft. cord &
standard 3.5mm mini plug
• 2.5”L x 5.5”W x 4.5”H
• Swivel bracket for all angles
• ABS plastic enclosure
• Soft padded grille
• Complete with
10 ft. cord
with standard
3.5mm mini plug
• Controlled speech
frequency response (700 - 2 kHz)
automatically limits background noise
• 4 - 8 Ohms, 10W speaker
• Size 4.5”H x 5.5”W x 2.5”D
CBS4
AES-4
ALL WEATHER PROFESSIONAL COMMUNICATIONS EXTENSION SPEAKER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com