Electronic Components Datasheet Search
  English  ▼

X  

MPC-2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
32
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
ProjectionHornCasings&Drivers
20” ALUMINUM WEATHERPROOF PROJECTOR
HORN FOR USE WITH SRD DRIVERS
16” ALUMINUM WEATHERPROOF PROJECTOR
HORN FOR USE WITH SRD DRIVERS
Size . . . . . . . . . . . . . . 16”Dia x 13.5”L
Dispersion . . . . . . . .90º
Low end cutoff . . . .250 Hz
SRH-16
Size . . . . . . . . . . . . .20”Dia x 20.25”L
Dispersion . . . . . . .80º
Low end cutoff . . .250 Hz
SRH-20
15” x 9” ALUMINUM WEATHERPROOF
PROJECTOR HORN FOR USE WITH SRD DRIVERS
Size . . . . . . . . . . . . . .15” x 9” x 12.75”L
Dispersion . . . . . . . . .120º x 60º
Low end cutoff . . . .250 Hz
SRH-159R
75 WATT RMS UNIVERSAL DRIVER
SRD-75
50 WATT RMS UNIVERSAL DRIVER
Freq Resp . . . . . . . . . . 250-6 kHz
Impedance . . . . . . . . . 16 Ohms
Power rating . . . . . . .50W RMS/65W Max
Sensitivity . . . . . . . . . 110 dB
Throat diameter . . . .1.4 x 18 TPI
Replacement voice coils available
SRD-50
80 W RMS UNIVERSAL DRIVER
WITH BUILT-IN 70 VOLT LINE TRANSFORMER
Freq Resp . . . . . . . . . . 300-5 kHz
Taps . . . . . . . . . . . . . . . 80, 40, 20, 10, 5
Power Rating . . . . . . .80 W RMS/100 W Max
Sensitivity . . . . . . . . .112 dB
Throat diameter . . . .1.375 x 18 TPI
Replacement voice coils available
SRD-80T
100 W RMS UNIVERSAL DRIVER
Freq Resp . . . . . . . . . . .250-8 kHz
Impedance . . . . . . . . . .16 Ohms
Power rating . . . . . . . .100 W RMS,120 W Max
Sensitivity . . . . . . . . . .113 dB
Throat diameter . . . . .1.3 x 18 TPI
Replacement voice coils available
SRD-100
Freq Resp . . . . . . . . . . 250-8 kHz
Impedance . . . . . . . . . 16 Ohms
Power rating . . . . . . . .75 W RMS, 90 W Max
Sensitivity . . . . . . . . . . 110 dB
Throat diameter . . . .1.3 x 18 TPI
Replacement voice coils available
Create the perfect projection horn for
your application by pairing our casings
with our universal drivers!
35 WATT RMS UNIVERSAL DRIVER WITH BUILT-IN
70 VOLT LINE TRANSFORMER
SRD-35T
Freq Resp . . . . . . . . . . . .250-6 kHz
Transformer taps . . . . . .35, 25, 15, 10,
Power rating . . . . . . . . .35 W RMS, 45 W Max
Sensitivity . . . . . . . . . . .106 dB
Throat diameter . . . . . .1375 x 18 TPI
Replacement voice coils available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com