Electronic Components Datasheet Search
  English  ▼

X  

MPC-2 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
31
www.specotech.com • 1-800-645-5516
70/25VoltCommercialPAHornSpeakers
SPC-15T
Freq Resp . . . . . . . . . . . .250-15 kHz
Power . . . . . . . . . . . . . . .15W nom/30W max
Taps 25V line . . . . . . . . .15W/42-Ohms, 10W/63-Ohms,
3.7W/170-Ohms, 10W/500-Ohms,
5W/1k-Ohms, 3W/1.3k-Ohms,
1W/2.3k-Ohms
Sensitivity . . . . . . . . . . .120dB/4V/1M
Impedance
. . . . . . . . . .333-Ohms
Size . . . . . . . . . . . . . . . . .8.5”Dia x 9”L
WEATHERPROOF PA SPEAKER 70/25V LINE TRANSFORMER
SPC-30RT
Freq Resp . . . . . . . . . . . . .250-16 kHz
Transformer Taps . . . . . .30W, 15W, 10W, 5W, 3W, 1W
Power . . . . . . . . . . . . . . .30W
Sensitivity
. . . . . . . . . . .120dB/4V/1M
Impedance . . . . . . . . . . .8 Ohms swivel bracket
Size . . . . . . . . . . . . . . . . .10.25” L x 11”W x 8”H
WEATHERPROOF PA SPEAKER 70/25V LINE TRANS. BUILT-IN
SPC-40RT
Freq Resp . . . . . . . . . . . . . 250-15 kHz Power 32W max
Transformer Taps . . . . . . 32W/330 Ohms • 16W/300 Ohms
8W/600 Ohms • 5W/1250 Ohms
2W/2.5K Ohms
Sensitivity . . . . . . . . . . . . 120dB/4V/1M
Impedance. . . . . . . . . . . . 8 Ohms
Size . . . . . . . . . . . . . . . . . 13”L x 6.5”W x 11”H
6.25” x 11” ABS SPEAKER WITH 70/25V LINE TRANSFORMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com