Electronic Components Datasheet Search
  English  ▼

X  

MSD-5 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MSD-5
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSD-5 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MSD-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
29
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
Weatherproof8-OhmPAHornSpeakers
Freq resp . . . . . . .250 - 15 kHz
Power rating . . . .10W nom/15W max
Sensitivity . . . . . .105 dB/1W/1M
Impedance . . . . . 8 Ohms
Size . . . . . . . . . . . . 6”Dia x 6”L
8 Ohms
SPC-10
4 Ohms
SPC-10/4
WEATHERPROOF 6” ALUMINUM PA SPEAKER
Freq resp . . . . . .200 - 15 kHz
Power rating . . .40W max
Sensitivity . . . . .120 dB/1W/1M
Impedance . . . . . 8 Ohms
Size . . . . . . . . . . . 9”L x 6.5”W x 11”H
8 Ohms
SPC-40RP 4 Ohms SPC-40RP/4
6 1/2” x 11” WHITE ABS
PA SPEAKER WEATHERPROOF
WEATHERPROOF 8” ALUMINUM PA SPEAKER
WEATHERPROOF 5” WHITE ABS PA SPEAKER
WEATHERPROOF 5” x 8” ALUMINUM PA SPEAKER
SPC-15R
Freq resp . . . . . . .200 - 15 kHz
Power rating . . .15W nom/25W max
Sensitivity . . . . . .110 dB/1W/1M
Impedance . . . . . 8 Ohms
Size . . . . . . . . . . . . 8”L x 8”W x 5”H
Freq resp . . . . . . .200 - 15 kHz
Power rating . . . . .15W nom/25W max
Sensitivity . . . . . .110 dB/1W/1M
Impedance . . . . . . 8 Ohms
Size . . . . . . . . . . . . 8”Dia x 8”L
SPC-15
Stainless Steel Hardware & ABS Plastic Base
with 10 Ft. Cord & 3.5 mm Plug
Freq Resp . . . . . . . . . . 300-15 kHz
Power Rating . . . . . . .15W max
Sensitivity . . . . . . . . . 105dB/1W/1M
Impedance . . . . . . . . . 8 Ohms
Size . . . . . . . . . . . . . . . 5”Dia x 5”L
8 Ohms
SPC-5P
4 Ohms
SPC-5P/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com