Electronic Components Datasheet Search
  English  ▼

X  

MSD-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSD-5
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSD-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSD-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
18
8” COAXIAL 2 WAY SPEAKER
www.specotech.com • 1-800-645-5516
8”SpeakerCombos
Model No.
Magnet Size
Transformer Type
Cone Type
G8CA10C/T7010
10 oz.
70V/10W line
Coaxial
Also available with 25V transformer, please specify • Sold Individually
10”H x 10”W - Top 5”, Bottom 3”D
WB8-10F-70
10 oz. dual cone speaker & 70V 10W transformer
WB8
(Empty Wall Baffle Only, Vinyl Walnut Finish)
Sold Individually • All combos also available with 25V transformer, please specify.
• 10 oz. ceramic Magnet
• Impedance - 8 Ohms, 1” VC
• 25 Watt max
• Freq response 50-15 kHz
• 20 oz. ceramic magnet
• Impedance - 8 Ohms, 1” VC
• 40 Watt max
• Freq response 50-15 kHz
G810CPP
G8CA20CX
8” SPEAKERS WITH BUILT-IN LINE TRANSFORMER MOUNTED & WIRED
WEATHERPROOF 8” COAXIAL
2 WAY POLYPROPYLENE SPEAKER
8” DUAL CONE SPEAKER
WALL BAFFLES WITH SPEAKERS • WITH SPEAKER & TRANSFORMERS • EMPTY
• 10 oz. ceramic magnet
• 8 Ohms • 20 Watt max
• Freq. 85-15 kHz • Hole for transformer mounting
• Full range speaker suspension speaker
• Bulk packaged 18 pieces
G8CA10WX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com