Electronic Components Datasheet Search
  English  ▼

X  

MSD-5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MSD-5
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSD-5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MSD-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSD-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
20
www.specotech.com • 1-800-645-5516
70VoltWeatherproofSpeakerswithTransformers
• All speakers are polypropylene • 70/25V line or 8 Ohms adjustable rotary switch
• 15W/330 ohms, 7.5W/660-Ohms, 4W/1250-Ohms, 2W/2500-Ohms, 1W/5000-Ohms
• Voice coil - 50W, 8 Ohms • Each speaker contains: 4” 10 oz. air suspension woofer, P.P. 2” midrange,
1” dome tweeter • Frequency response: 55-20 kHz • Die cast enclosure
• Complete with mounting bracket, wire & hardware • 4.375”L x 4.5”W x 7.25”H • Sold individually
Black
DMS-3TS
White
DMS-3TSW
• 50W RMS per channel • 80W max per channel • 8 Ohms • Frequency response: 50 - 20 kHz
• Woofer 5 1/4” • Polycarbon 1” voice coil, 20 oz. magnet • Mylar tweeter
• 1 1/4” voice coil, 10 oz. 2 1/2” magnet • Sealed die cast aluminum housing
• Quick connect terminals • 6.5”L x 6.25”W x 9”H • 10 lbs., 4 oz. • Sold individually
Black
SP-150T
White
SP-150TW
WEATHER RESISTANT INDOOR/OUTDOOR THREE-WAY POLYPROPYLENE
CONE SPEAKER SYSTEM WITH DUAL BUILT-IN LINE TRANSFORMER
TWO-WAY WEATHER RESISTANT INDOOR/OUTDOOR DELUXE
PROFESSIONAL SPEAKER SYSTEM WITH 70V LINE TRANSFORMER
WATTAGE TAPS 20, 10, 5, 2.5W & 8 OHMS
5.25”
6.5”
SP-6AWD/T-W (White)
SP-6AWD/T(Black)
6.5" Outdoor Speakers w/transformer
6.5" Mica with Rubber Surround
1" Mylar Tweeter
54Hz-20kHz
89dB 1w/1m
50 Watt RMS/100 Watt Max
10 7/8”H x 8 3/4”W x 6 3/4”D
6.6 lbs.
8 Ohms
70V/25V (30W/15W/ 7.5W/ 3.75W)
SP-5AWD/T-W (White)
SP-5AWD/T (Black)
Description
5.25" Outdoor Speakers w/transformer
Woofer
5.25" Polypropylene-Coated with Rubber Surround
Tweeter
1/2" PEI Tweeter
Frequency
60Hz-20kHz
Sensitivity
88 dB 1 w/1m
Wattage
40 Watt RMS/80 Watt Max
Dimensions
8 3/4”H x 7”W x 5 3/8”D
Weight
5.3 lbs.
Impedance
8 Ohms
Transformer
70V/25V (30W/15W/ 7.5W/ 3.75W)
SpecoTechnologies’
AWDSpeakerSeries
OffersTheBestSpecifications
andPricePointFor
Mid-RangeOutdoorSpeakers
ALL WEATHER DESIGN SPEAKERS with TRANSFORMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com