Electronic Components Datasheet Search
  English  ▼

X  

NDL7401PD Datasheet(PDF) 3 Page - NEC

Part # NDL7401PD
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7401PD Datasheet(HTML) 3 Page - NEC

  NDL7401PD Datasheet HTML 1Page - NEC NDL7401PD Datasheet HTML 2Page - NEC NDL7401PD Datasheet HTML 3Page - NEC NDL7401PD Datasheet HTML 4Page - NEC NDL7401PD Datasheet HTML 5Page - NEC NDL7401PD Datasheet HTML 6Page - NEC NDL7401PD Datasheet HTML 7Page - NEC NDL7401PD Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NDL7401P Series
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
Pf = 2.0 mW
1.1
1.3
V
Threshold Current
Ith
10
25
mA
TC = 85
°C25
50
Modulation Current
Imod
Pf = 2.0 mW
15
20
mA
Differential Efficiency from Fiber
ηd
0.100
0.150
W/A
TC = 85
°C
0.075
0.100
Center Emission Wavelength
λC
Pf = 2.0 mW, RMS (
−20 dB)
1 290
1 310
1 330
nm
TC =
−40 to +85 °C
1 260
1 360
Temperature Dependence of
Center Emission Wavelength
∆λ/∆TTC = −40 to +85 °C0.4
0.5
nm/
°C
Spectral Width
σ
Pf = 2.0 mW, RMS (
−20 dB)
1.3
2.5
nm
TC = 85
°C1.5
4.0
Rise Time
tr
10 to 90 %
0.2
0.5
ns
Fall Time
tf
90 to 10 %
0.3
0.5
ns
Monitor Current
Im
VR = 5 V, Pf = 2.0 mW
100
700
µA
Monitor Dark Current
ID
VR = 5 V
0.1
10
nA
Tracking Error
γ
*1
Im = const., TC =
−40 to +85 °C1.0
dB
*1
γ = 10 log
•
Pf
2.0 mW
TC = 25 ˚C
TC = –40 to +85 ˚C
Im
Pf
Pf
(mW)
2.0
Im
0
(@ Pf (25 ˚C) = 2.0 mW)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com