Electronic Components Datasheet Search
  English  ▼

X  

NDL7401PD Datasheet(PDF) 2 Page - NEC

Part # NDL7401PD
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7401PD Datasheet(HTML) 2 Page - NEC

  NDL7401PD Datasheet HTML 1Page - NEC NDL7401PD Datasheet HTML 2Page - NEC NDL7401PD Datasheet HTML 3Page - NEC NDL7401PD Datasheet HTML 4Page - NEC NDL7401PD Datasheet HTML 5Page - NEC NDL7401PD Datasheet HTML 6Page - NEC NDL7401PD Datasheet HTML 7Page - NEC NDL7401PD Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL7401P Series
ORDERING INFORMATION
Part Number
Available Connector
Description
NDL7401P
Without Connector
No Flange
NDL7401PC
With FC-PC Connector
NDL7401PD
With SC-PC Connector
NDL7401P1
Without Connector
Flat Mount Flange
NDL7401P1C
With FC-PC Connector
NDL7401P1D
With SC-PC Connector
NDL7401P2
Without Connector
Vertical Flange
NDL7401P2C
With FC-PC Connector
NDL7401P2D
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current of LD
IF
Ith + 50
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature (10 s)
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com