Electronic Components Datasheet Search
  English  ▼

X  

NDL7401PD Datasheet(PDF) 5 Page - NEC

Part # NDL7401PD
Description  1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7401PD Datasheet(HTML) 5 Page - NEC

  NDL7401PD Datasheet HTML 1Page - NEC NDL7401PD Datasheet HTML 2Page - NEC NDL7401PD Datasheet HTML 3Page - NEC NDL7401PD Datasheet HTML 4Page - NEC NDL7401PD Datasheet HTML 5Page - NEC NDL7401PD Datasheet HTML 6Page - NEC NDL7401PD Datasheet HTML 7Page - NEC NDL7401PD Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
NDL7401P Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C)
LONGITUDINAL MODE FROM FIBER
Wavelength
λ (nm)
1 300
OUTPUT POWER FROM FIBER vs.
LD MONITOR CURRENT
0.5
0
1 310
1 320
LD Monitor Current Im (mA)
1.0
2.0
3.0
1.0
1.5
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
0
10
20
30
40
50
12
FREQUENCY RESPONSE
Modulation Frequency f (GHz)
1
0
–12
–9
–6
–3
0
3
6
9
2345
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com