Electronic Components Datasheet Search
  English  ▼

X  

HAF2001 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HAF2001
Description  Silicon N Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2001 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HAF2001 Datasheet HTML 1Page - Hitachi Semiconductor HAF2001 Datasheet HTML 2Page - Hitachi Semiconductor HAF2001 Datasheet HTML 3Page - Hitachi Semiconductor HAF2001 Datasheet HTML 4Page - Hitachi Semiconductor HAF2001 Datasheet HTML 5Page - Hitachi Semiconductor HAF2001 Datasheet HTML 6Page - Hitachi Semiconductor HAF2001 Datasheet HTML 7Page - Hitachi Semiconductor HAF2001 Datasheet HTML 8Page - Hitachi Semiconductor HAF2001 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HAF2001
5
2.0
1.6
1.2
0.8
0.4
02
4
6
8
10
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Pulse Test
10 A
5 A
I
= 20 A
D
Drain Current
I
(A)
D
Static Drain to Source State Resistance
vs. Drain Current
0.5
1
2
5
10
20
50 100 200
0.2
0.1
0.02
0.05
0.01
V
= 4 V
GS
V
= 10 V
GS
Pulse Test
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
0.10
0.08
0.06
0.04
0.02
–40
0
40
80
120
160
0
V
= 4 V
GS
10 A
5 A
I
= 20 A
D
I
= 20 A
D
V
= 10 V
GS
Pulse Test
5 A, 10 A
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
100
20
50
10
2
1
5
0.5
1
2
5
10
20
50
Tc = –25 °C
25 °C
75 °C
DS
V
= 10 V
Pulse Test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com