Electronic Components Datasheet Search
  English  ▼

X  

HAF2001 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HAF2001
Description  Silicon N Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2001 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HAF2001 Datasheet HTML 2Page - Hitachi Semiconductor HAF2001 Datasheet HTML 3Page - Hitachi Semiconductor HAF2001 Datasheet HTML 4Page - Hitachi Semiconductor HAF2001 Datasheet HTML 5Page - Hitachi Semiconductor HAF2001 Datasheet HTML 6Page - Hitachi Semiconductor HAF2001 Datasheet HTML 7Page - Hitachi Semiconductor HAF2001 Datasheet HTML 8Page - Hitachi Semiconductor HAF2001 Datasheet HTML 9Page - Hitachi Semiconductor HAF2001 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HAF2001
7
10
8
6
4
2
0
Gate to Source Voltage vs.
Shutdown Time of Load–Short Test
0.1 0.2
0.5
1
2
5
10 20
50 100
Shutdown Time of Load–Short Test
Pw (mS)
9 V
12 V
V
= 36 V
DD
24 V
200
180
160
140
120
0
Gate to Source Voltage
V
(V)
GS
100
2
468
10
I
= 5 A
D
Shutdown Case Temperature vs.
Gate to Source Voltage
10
8
6
4
2
0
TTL Drive Characteristics
Gate Series Resistance R
(k )
G
W
VI
D
I
= 5 A
0.01 0.03
0.1
0.3
1
3
10
1.0
0.8
0.6
0.4
0.2
0
I I
II
L
R
CC
V
= 5 V
HD74LS08
I
V
+
–
Test Circuit
Rg
D•U•T
0
I D
5 A
Thermal shut down
V I
0
I
I
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com