Electronic Components Datasheet Search
  English  ▼

X  

HAF2001 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HAF2001
Description  Silicon N Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2001 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HAF2001 Datasheet HTML 1Page - Hitachi Semiconductor HAF2001 Datasheet HTML 2Page - Hitachi Semiconductor HAF2001 Datasheet HTML 3Page - Hitachi Semiconductor HAF2001 Datasheet HTML 4Page - Hitachi Semiconductor HAF2001 Datasheet HTML 5Page - Hitachi Semiconductor HAF2001 Datasheet HTML 6Page - Hitachi Semiconductor HAF2001 Datasheet HTML 7Page - Hitachi Semiconductor HAF2001 Datasheet HTML 8Page - Hitachi Semiconductor HAF2001 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAF2001
4
Main Characteristics
80
60
40
20
0
50
100
150
200
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
500
100
200
20
50
10
2
5
1
0.5
0.3
0.5
1
2
5
10
20
50 100
20 µs
100
µs
1 ms
PW
=
10
ms
DC
Operation
(Tc
=
25
°C)
Ta = 25 °C
Operation in this area
is limited by R DS(on)
Thermal shut down
Operation area
50
40
30
20
10
0
24
6
8
10
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
10 V
8 V
V
= 3 V
GS
3.5 V
Pulse Test
6 V
5 V
4 V
50
40
30
20
10
0
123
4
5
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
V
= 10 V
Pulse Test
DS
Tc = –25 °C
25 °C
75 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com