Electronic Components Datasheet Search
  English  ▼

X  

LTW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LTW
Description  15W DC/DC Power Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LTW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LTW Datasheet HTML 1Page - Wall Industries,Inc. LTW Datasheet HTML 2Page - Wall Industries,Inc. LTW Datasheet HTML 3Page - Wall Industries,Inc. LTW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B
LTW Series
15 Watts
Triple Outputs
DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
08/26/2014
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: LTW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
Input Voltage Range
48VDC nominal input models
20
48
72
VDC
Input Filter
capacitor
Remote ON/OFF
yes
OUTPUT SPECIFICATIONS
Output Voltage
See Table
5VDC output, Io=1.5A
±5
±12VDC outputs, Io=0.31A
±2
Voltage Accuracy
±15VDC outputs, Io=0.25A
±2
%
Load Regulation
25% to 100% full load
±0.2
%
Line Regulation
low line to high line at full load
±1.0
%
Output Power
0
15
W
Output Current
See Table
Ripple & Noise
20MHz Bandwidth
100
mVp-p
Transient Response Time
50% load step change
350
µs
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
80
%
Switching Frequency
100
KHz
Isolation Voltage (input to output)
(2sec/0.5mA)
1500
VDC
Isolation Resistance (input to output)
500VDC
1000
M
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+85
°C
Storage Temperature
-40
+100
°C
Humidity (non-condensing)
95
%
Cooling
Free air convection
MTBF
MIL-HDBK-217F at 25°C, ground benign
1,500,000 hours
PHYSICAL SPECIFICATIONS
Case Material
black coated copper with non-conductive base
Potting Material
Epoxy (UL94V-0 rated)
Shielding
Six-sided
Weight
2.51oz (71.2g)
Dimensions (L x W x H)
2.0 x 2.0 x 0.52 inches
(50.8 x 50.8 x 13.2 mm)
SAFETY & EMI
Conducted Emissions
EN55022 Class A
Radiated Emissions
EN55022 Class A
Safety Approvals
UL 60950-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com