Electronic Components Datasheet Search
  English  ▼

X  

LTW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LTW
Description  15W DC/DC Power Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LTW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LTW Datasheet HTML 1Page - Wall Industries,Inc. LTW Datasheet HTML 2Page - Wall Industries,Inc. LTW Datasheet HTML 3Page - Wall Industries,Inc. LTW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
08/26/2014
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. B
LTW SERIES
4:1 Ultra Wide Input Voltage Ranges
Triple Outputs
2.0 x 2.0 x 0.52 Inch Package
15W DC/DC Power Converters
APPLICATIONS
• Wireless Networks
• Telecom / Datacom
• Measurement Equipment
• Industry Control Systems
• Semiconductor Equipment
FEATURES
• Triple Outputs
• RoHS Compliant
• 4:1 Ultra Wide Input Voltage Ranges
• 15 Watts Output Power
• Efficiency up to 80%
• 100% Burn-in Tested
• Short Circuit Protection
• Remote ON/OFF Control
• Six-Sided Shielding
• 2.0 x 2.0 x 0.52 Inch Package
• 1500VDC I/O Isolation
• Wide Operating Temperature Range: -40°C to +85°C
• MTBF > 1,500,000 Hours
• UL 94V-0 Package Material
• UL60950-1 Approvals
• Custom Solutions Available
DESCRIPTION
The LTW series of DC/DC power converters provides 15 Watts of continuous output power in a 2.0” x 2.0” x
0.52” package. This series has triple output models with 4:1 ultra wide input voltage ranges of 9-36VDC and 20-
72VDC. Some features include 1500VDC I/O isolation, remote ON/OFF control, six-sided shielding, efficiency
up to 80%, and short circuit protection. This series is RoHS compliant and has UL 60950-1 safety approvals.
These units are well suited for use in wireless networks, telecom/datacom applications, measurement equipment,
industry control systems, and semiconductor equipment. All models are 100% burn-in tested.


Similar Part No. - LTW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LTW WALL-LTW Datasheet
294Kb / 4P
Triple Outputs
logo
Lite-On Technology Corp...
LTW-006DCG-100 LITEON-LTW-006DCG-100 Datasheet
437Kb / 11P
Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
LTW-006DCG-120 LITEON-LTW-006DCG-120 Datasheet
437Kb / 11P
Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
LTW-006DCG-30 LITEON-LTW-006DCG-30 Datasheet
437Kb / 11P
Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
LTW-006DCG-5 LITEON-LTW-006DCG-5 Datasheet
437Kb / 11P
Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
More results

Similar Description - LTW

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
Isolated 15W Single Output DC-DC Converters
logo
Artesyn Technologies
SXN15 ARTESYN-SXN15 Datasheet
116Kb / 2P
10.8-15W High Efficiency DC/DC Converters
SXA15 ARTESYN-SXA15 Datasheet
117Kb / 2P
10.8-15W High Efficiency DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
15W Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
15W SINGLE OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Wall Industries,Inc.
JF WALL-JF Datasheet
646Kb / 6P
15W Open Frame DC/DC Power Converters
JFW WALL-JFW Datasheet
486Kb / 6P
15W Open Frame DC/DC Power Converters
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
Isolated 15W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com