Electronic Components Datasheet Search
  English  ▼

X  

LTW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LTW
Description  15W DC/DC Power Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LTW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LTW Datasheet HTML 1Page - Wall Industries,Inc. LTW Datasheet HTML 2Page - Wall Industries,Inc. LTW Datasheet HTML 3Page - Wall Industries,Inc. LTW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B
LTW Series
15 Watts
Triple Outputs
DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
08/26/2014
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Output Power
Vo1
5 VDC
1.5A
Vo2
+12 VDC
0.31A
LTW2412-15EI
Vo3
24 VDC
(9 – 36 VDC)
-12 VDC
0.31A
15W
Vo1
5 VDC
1.5A
Vo2
+15 VDC
0.25A
LTW2415-15EI
Vo3
24 VDC
(9 – 36 VDC)
-15VDC
0.25A
15W
Vo1
5 VDC
1.5A
Vo2
+12 VDC
0.31A
LTW4812-15EI
Vo3
48 VDC
(20 – 72 VDC)
-12 VDC
0.31A
15W
Vo1
5 VDC
1.5A
Vo2
+15 VDC
0.25A
LTW4815-15EI
Vo3
48 VDC
(20 – 72 VDC)
-15VDC
0.25A
15W
APPLICATIONS
Test Circuit
Recommended Filter for EN55022 Class A Compliance
+Vo1
+Vo2
+Vo3
COM
+Vin
GND
Cin
Cout
Cout
Triple
100uF/25V
100uF/25V
24V & 48V:Cin 100uF,100V
GRAPHS
Derating Curve
Tolerance
Output Current (%)
120
110
100
90
80
70
100
75
50
25
0
-40
75
100
Ambient Temperature (°C)
85
10
20
30 40 50 60 70 80 90 100 110 120
Natural Convection
C1
C2
12uH
47uF
33uF
+Vin
-Vin
+Vout
-Vout
DC/DC
Converter
Load
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com