Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 108Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 109Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 110Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 111Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 112Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 113Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 114Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 115Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 116Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
112
The speakeroutput PGA controls are shown in Table 63.The SPKOUT_VU bits control the loading of
the speaker PGA volume data. When SPKOUT_VU is set to 0, the volume control data will be loaded
into the respective control register, but will not actually change the gain setting. The speaker PGA
volume settings are both updated when a 1 is written toeither SPKOUT_VU bit. This makes it possible
to update the gain of both output paths simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (0026h)
Speaker
Volume Left
8
SPKOUT_VU
N/A
SpeakerOutput PGA Volume
Update
Writing a 1 to this bit will update
SPKLVOL and SPKRVOL volumes
simultaneously.
7
SPKOUTL_ZC
0
SPKLVOL (Left Speaker Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
SPKOUTL_MUTE_N
1
SPKLVOL (Left Speaker Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
SPKOUTL_VOL[5:0]
39h
(0dB)
SPKLVOL (Left Speaker Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 64 for output PGA
volume control range)
R39 (0027h)
Speaker
Volume Right
8
SPKOUT_VU
N/A
Speaker PGA Volume Update
Writing a 1 to this bit will update
SPKLVOL and SPKRVOL volumes
simultaneously.
7
SPKOUTR_ZC
0
SPKRVOL (Right Speaker Output
PGA) Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
SPKOUTR_MUTE_
N
1
SPKRVOL (Right Speaker Output
PGA) Mute
0 = Mute
1 = Un-mute
5:0
SPKOUTR_VOL[5:0]
39h
(0dB)
SPKRVOL (Right Speaker Output
PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
(See Table 64 for output PGA
volume control range)
Table 63 Speaker Output PGA (SPKLVOL, SPKRVOL) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com