Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 111Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 112Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 113Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 114Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 115Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 116Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 117Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 118Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
115
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (001Fh)
HPOUT2
Volume
5
HPOUT2_MUTE
1
HPOUT2 (Earpiece Driver) Mute
0 = Un-mute
1 = Mute
4
HPOUT2_VOL
0
HPOUT2 (Earpiece Driver) Volume
0 = 0dB
1 = -6dB
R51 (0033h)
HPOUT2
Mixer
4
MIXOUTLVOL_TO_
HPOUT2
0
MIXOUTLVOL (Left Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
3
MIXOUTRVOL_TO_
HPOUT2
0
MIXOUTRVOL (Right Output Mixer
PGA) to Earpiece Driver
0 = Mute
1 = Un-mute
Table 66 Earpiece Driver Mixer (HPOUT2MIX) Control
LINE OUTPUT MIXERS
The WM1811A provides two pairsof line outputs, both with highly configurable output mixers. The
outputs LINEOUT1N and LINEOUT1P can be configured as two single-ended outputs or as a
differential output. In the same manner, LINEOUT2N and LINEOUT2P can be configured either as two
single-ended outputs or as a differential output. The respective line output mixers can be configured in
single-ended mode or differential mode; each mode supports multiple signal path configurations.
LINEOUT1 single-ended mode is selected by setting LINEOUT1_MODE = 1. In single-ended mode,
any of three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1P
MIXOUTR (right output mixer) to LINEOUT1N
MIXOUTL (left output mixer) to LINEOUT1N
LINEOUT1 differential mode is selected by setting LINEOUT1_MODE = 0. In differential mode, any of
three possible signal paths may be enabled:
MIXOUTL (left output mixer) to LINEOUT1N and LINEOUT1P
IN1L (input PGA) to LINEOUT1Nand LINEOUT1P
IN1R (input PGA) to LINEOUT1Nand LINEOUT1P
The LINEOUT1output mixers are controlled as described in Table 67. Care should be taken to avoid
clipping when enabling more than one path to the line outputmixers. The LINEOUT1_VOL control can
be used to provide -6dB attenuation when more than one full scale signal is applied.
When using the LINEOUT1 mixers in single-ended mode, a buffered VMID must be enabled. This is
achieved by setting LINEOUT_VMID_BUF_ENA, as described in the “Analogue Outputs” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com