Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 119 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 119 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 115Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 116Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 117Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 118Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 119Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 120Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 121Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 122Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 123Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
119
CHARGE PUMP
The WM1811A incorporates a dual-mode Charge Pump which generates the supply rails for the
headphone output drivers, HPOUT1L and HPOUT1R.
The Charge Pump has a single supply input, CPVDD, and generates split rails CPVOUTP and
CPVOUTN according to the selected mode of operation.
The Charge Pump connections are illustrated in Figure 28 (see “Applications Information” for external
component values). An input decoupling capacitor may also be required at CPVDD, depending upon
the system configuration.
Figure 28 Charge Pump External Connections
The Charge Pump is enabled by setting the CP_ENA bit. When enabled, the charge pump adjusts the
output voltages (CPVOUTP and CPVOUTN) as well as the switching frequency in order to optimise
the power consumption according to the operating conditions. This can take two forms, which are
selected using the CP_DYN_PWR register bit.
Register control (CP_DYN_PWR = 0)
Dynamic control (CP_DYN_PWR = 1)
Under Register control, the HPOUT1L_VOL and HPOUT1R_VOL register settings are used to control
the charge pump mode of operation.
Under Dynamic control, the audio signal level in the digital audio interface is used to control the
charge pump mode of operation. The CP_DYN_SRC_SEL register determines which of the digital
signal paths is used for this function - this may be the AIF1 DAC path or the AIF2 DAC path. The
CP_DYN_SRC_SEL should be set according to the active source for the HPOUT1L and HPOUT1R
outputs.
The Dynamic Charge Pump Control mode is the Wolfson ‘Class W’ mode, which allows the power
consumption to be optimised in real time, but can only be used if a single AIF source is the only signal
source. The Class W mode should not be used if any of the bypass paths are used to feed analogue
inputs into the output signal path, or if more than one AIF source is used to feed the headphone
output via the Digital Mixers.
The Charge Pump operating mode defaults to Register control; Dynamic control may be selected by
setting the CP_DYN_PWR register bit, if appropriate.
Note that the charge pump clock is derived from internal clock SYSCLK; either MCLK or the FLL
output selectable using the SYSCLK_SRC bit. Under normal circumstances an external clock signal
must be present for the charge pump to function. However, the FLL has a free-running mode that
does not require an external clock but will generate an internal clock suitable for running the charge
pump. The clock division from SYSCLK is handled transparently by the WM1811A without user
intervention, as long as SYSCLK and sample rates are set correctly. Refer to the “Clocking and
Sample Rates” section for more detail on the FLL and clocking configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com