Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 120 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 120 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 116Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 117Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 118Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 119Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 120Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 121Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 122Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 123Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 124Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
120
When the Charge Pump is disabled, the output can be left floating or can be actively discharged,
depending on the CP_DISCH control bit.
If the headphone output drivers (HPOUT1L and HPOUT1R) are not used, then the Charge Pump and
the associated external components are not required. The Charge Pump and Headphone drivers
should not be enabled in this case (CP_ENA=0, HPOUT1L_ENA=0, HPOUT1R_ENA=0).
If the Charge Pump is not used, and the associated external components are omitted, then the CPCA
and CPCB pins can be left floating; the CPVOUTP and CPVOUTN pins should be grounded as
illustrated in Figure 29.
Note that, when the Charge Pump is disabled, it is still recommended that the CPVDD pin is kept
within its recommended operating conditions.
Figure 29 External Configuration when Charge Pump not used
The Charge Pump control fields are described in Table 69.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R76 (004Ch)
Charge Pump
(1)
15
CP_ENA
0
Enable charge-pump digits
0 = Disable
1 = Enable
R77 (004Dh)
Charge Pump
(2)
15
CP_DISCH
1
Charge Pump Discharge Select
0 = Charge Pump outputs floating
when disabled
1 = Charge Pump outputs
discharged when disabled
R81 (0051h)
Class W (1)
9:8
CP_DYN_SRC_SEL
00
Selects the digital audio source for
envelope tracking
00 = AIF1, DAC data
01 = Reserved
10 = AIF2, DAC data
11 = Reserved
0
CP_DYN_PWR
0
Enable dynamic charge pump
power control
0 = charge pump controlled by
volume register settings (Class G)
1 = charge pump controlled by
real-time audio level (Class W)
Table 69 Charge Pump Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com