Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 117Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 118Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 119Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 120Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 121Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 122Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 123Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 124Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
121
DC SERVO
The WM1811A provides a DC servo circuit on the headphone outputs HPOUT1L and HPOUT1R in
order to remove DC offset from these ground-referenced outputs. When enabled, the DC servo
ensures that the DC level of these outputs remains within 1mV of ground. Removal of the DC offset is
important because any deviation from GND at the output pin will cause current to flow through the
load under quiescent conditions, resulting in increased power consumption. Additionally, the presence
of DC offsets can result in audible pops and clicks at power up and power down.
DC SERVO ENABLE AND START-UP
The DC Servo circuit is enabled on HPOUT1L and HPOUT1R by setting DCS_ENA_CHAN_0and
DCS_ENA_CHAN_1respectively. When the DC Servo is enabled, the DC offset correction can be
commanded in two different ways, as described below.
The DCS_TIMER_PERIOD_01 register must be set to 0000 for correct operation of the DC Servo.
This register must be set to 0000 before enabling the DC Servo.
Writing a logic 1 to DCS_TRIG_STARTUP_n initiates a series of DC offset measurements and applies
the necessary correction to the associated output; (‘n’ = 0for Left channel, 1for Right channel). On
completion, the headphone output will be within 1mV of AGND. This mode is recommended for typical
applications. Completion of the DC offset correction triggered in this way is indicated by the
DCS_STARTUP_COMPLETE field, as described in Table 70. Typically, this operation takes 86ms per
channel.
For correct operation of the DC Servo Start-Up mode, it is important that there is no active audio
signal present on the signal path while the mode is running. The DC Servo Start-Up mode should be
scheduled at the correct position within the Headphone Output Enable sequence, as described in the
Analogue Output Signal Path” section. All other stages of the analogue signal path should be fully
enabled prior to commanding the Start-Up mode; the DAC Digital Mute function should be used,
where appropriate, to ensure there is no active audio signal present during the DC Servo
measurements.
Writing a logic 1 to DCS_TRIG_DAC_WR_n causes the DC offset correction to be set to the value
contained in the DCS_DAC_WR_VAL_n fields in Register R89. This mode is useful if the required
offset
correction
has
already
been
determined
and
stored;
it
is
faster
than
the
DCS_TRIG_STARTUP_n mode, but relies on the accuracy of the stored settings. Completion of the
DC offset correction triggered in this way is indicated by the DCS_DAC_WR_COMPLETE field, as
described in Table 70. Typically, this operation takes 2ms per channel.
For pop-free operation of the DC Servo DAC Write mode, it is important that the mode is scheduled at
the correct position within the Headphone Output Enable sequence, as described in the “Analogue
Output Signal Path” section.
The current DC offset value for each Headphone output channel can be read from the
DCS_DAC_WR_VAL_nfields. These values may form the basis of settings that are subsequently
used by the DC Servo in DAC Write mode. Note that these fields have a different definition for Read
and Write, as described in Table 70.
When using either of the DC Servo options above, the status of the DC offset correction process is
indicated
by
the
DCS_CAL_COMPLETE
field;
this
is
the
logical
OR
of
the
DCS_STARTUP_COMPLETE and DCS_DAC_WR_COMPLETE fields.
The DCS_DAC_WR_COMPLETE bits can be used as inputs to the Interrupt control circuit or used to
generate an external logic signal on a GPIO pin. See “Interrupts” and “General Purpose Input/Output”
for further details.
The DC Servo control fields associated with start-up operation are described in Table 70. It is
important to note that, to minimise audible pops/clicks, the Start-Up and DAC Write modes of DC
Servo operation should be commanded as part of a control sequence which includes muting and
shorting of the headphone outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com