Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 125 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 125 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 121Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 122Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 123Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 124Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 125Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 126Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 127Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 128Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 129Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
125
Eight levels of AC signal boost are provided in order to deliver maximum output power for many
commonly-used SPKVDD/AVDD1 combinations. (Note that SPKVDD1 powers the Left Speaker
driver, and SPKVDD2 powers the Right Speaker driver; it is assumed that SPKVDD1 = SPKVDD2 =
SPKVDD.)
The signal boost options are available. The AC boost levels from 0dB to +12dB are selected using
register bits SPKOUTL_BOOST and SPKOUTR_BOOST. To prevent pop noise, SPKOUTL_BOOST
and SPKOUTR_BOOST should not be modified while the speaker outputs are enabled. Figure 31
illustrates the speaker outputs and the mixing and gain/boost options available.
Ultra-low leakage and high PSRR allow the speaker supply SPKVDD to be directly connected to a
lithium battery. Note that an appropriate SPKVDD supply voltage must be provided to prevent
waveform clipping when speaker boost is used.
DC gain is applied automatically, with a shift from VMID to SPKVDD/2. This provides optimum signal
swing for maximum output power.
The AC and DC gain functions are illustrated in Figure 31.
Figure 31 Speaker Output Configuration and AC Boost Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com