Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 128 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 128 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 124Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 125Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 126Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 127Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 128Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 129Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 130Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 131Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 132Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
128
EARPIECE DRIVER OUTPUT CONFIGURATIONS
The earpiece driver outputs HPOUT2P and HPOUT2N are driven by the HPOUT2MIX output mixer,
which takes its inputs from the mixer output PGAs MIXOUTLVOL and MIXOUTRVOL. Fine volume
control is available using MIXOUTLVOL and MIXOUTRVOL. A selectable -6dB attenuation is
available on the HPOUT2MIX output, as described in Table 66 (refer to the “Analogue Output Signal
Path” section).
The earpiece outputs are designed to operate in a BTL configuration, driving 50mW into a typical 16
ear speaker.
For suppression of pop noise there are two separate enables for the earpiece driver; HPOUT2_ENA
enables the output stage and HPOUT2_IN_ENA enables the mixer and input stage.
HPOUT2_IN_ENA should be enabled a minimum of 50
s before HPOUT2_ENA.
LINE OUTPUT CONFIGURATIONS
The four line outputs LINEOUT1P, LINEOUT1N, LINEOUT2P and LINEOUT2N provide a highly
flexible combination of differential and single-ended configurations, each driven by a dedicated output
mixer.There is a selectable -6dB gain option in each mixer to avoid clipping when mixing more than
one signal into a line output. Additional volume control is available at other locations within each of the
supported signal paths. For more information about the line output mixing options, refer to the
“Analogue Output Signal Path” section.
Typical applications for the line outputs (single-ended or differential) are:
Handset or headset microphone output to external voice CODEC
Stereo line output
Output to external speaker driver(s) to support additional loudspeakers
When single-ended mode is selected for either LINEOUT1 or LINEOUT2, a buffered VMID must be
enabled as a reference for the outputs. This is enabled by setting the LINEOUT_VMID_BUF_ENA bit
as defined in Table 74.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (0038h)
AntiPOP (1)
7
LINEOUT_VMID_BUF_
ENA
0
Enables VMID reference for line
outputs in single-ended mode
0 = Disabled
1 = Enabled
Table 74 LINEOUT VMID Buffer for Single-Ended Operation
Some example line output configurations are listed and illustrated below.
Differential line output from Mic/Line input on IN1L PGA
Differential line output fromMic/Line input on IN1R PGA
Stereo differential line output from output mixers MIXOUTL and MIXOUTR
Stereo single-ended line output from output mixer to either LINEOUT1 or LINEOUT2
Mono single-ended line output from output mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com