Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 127Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 128Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 129Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 130Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 131Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 132Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 133Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 134Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
131
EXTERNAL ACCESSORY DETECTION
The WM1811A provides external accessory detection functions which can sense the presence and
impedance of external components. This can be used to detect the insertion or removal of an external
headphone or headset, and to provide an indication of key/button push events.
Jack insertion is detected using the JACKDET pin, which must be connected to switch contacts within
the jack socket. An Interrupt event is generated whenever a jack insertion or jack removal event is
detected.
Microphones, push-buttons and other accessories can be detected via the MICDET pin. The presence
of a microphone, and the status of a hookswitch can be detected. This feature can also be used to
detect push-button operation.
Note that clocking is required for all of the external accessory detection functions.The WM1811A can
support accessory detection using a low frequency (eg. 32kHz) clock for reduced power consumption.
JACK DETECT
The WM1811A provides support for jack insertion switch detection. The Jack Detect function also
enables the device to be configured for low power standby modes; typical use cases are where an
application is idle in standby mode until a headphone or headset jack is inserted.
Jack insertion and removal is detected using the JACKDET pin. The recommended external
connection circuit is illustrated in Figure 39. The status of the jack insertion switch can be read using
the JACKDET_LVL register.
The JACKDET input de-bounce is enabled or disabled using the JACKDET_DB register, as described
in Table 77.
The Jack Detect function is enabled whenever JACKDET_MODE > 00. An Interrupt Request (IRQ)
event is generated whenever a jack insertion or jack removal is detected (see “Interrupts”).
Different settings of JACKDET_MODE allow different low power configurations to be selected. Note
that audio and/or microphone detection functions are not supported under these low power conditions.
The options provided by the JACKDET_MODE register are summarised in Table 76.
When JACKDET_MODE = 01, the LDO1 regulator output must be configured to be floating when
disabled. The LDO1_DISCH bit (see Table 127) must be set to 0 before setting
JACKDET_MODE = 01.
Note that, in modes where MICDET (microphone / accessory detect) functionality is required, this
must be configured as described in the following section. In modes where the Audio functions are not
supported, none of the WM1811A analogue/digital audio record or playback functions are possible.
JACKDET_MODE
JACK DETECT
MICROPHONE /
ACCESSORY
DETECT
AUDIO
FUNCTIONS
TYPICAL USE CASE
00
Full device operation (eg. audio record/playback).
(Note that Jack Detect is not supported.)
01
Device in idle mode, monitoring accessory activity
(eg. button press, jack removal etc.)
10
Device in standby mode, awaiting jack insertion -
Lowest power external accessory detection mode.
11
Full device operation (eg. audio record/playback).
Note that JACKDET_MODE = 01 or 10 are not supported if AVDD1 or DCVDD is supplied externally.
These settings must not be selected if AVDD1 or DCVDD is supplied externally (ie. if LDO1 or LDO2 is not used).
Table 76 Jack Detect Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com