Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 129Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 130Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 131Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 132Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 133Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 134Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 135Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 136Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
133
To configure the WM1811A in its lowest power condition, also supporting the Jack Detect function, the
following actions are recommended:
Select lowest power Jack Detection mode (JACKDET_MODE = 10)
Select 32kHz SYSCLK
Disable the Thermal sensor (TSHUT_ENA = 0)
Configure LDO1 output to float when disabled (LDO1_DISCH = 0)
Minimise any static current leakage paths on digital inputs where internal pull-up or pull-
down resistors are enabled (ie. disable the pull-up/pull-down resistors on these inputs)
Care should be taken to restore all applicable device settings when normal operation is resumed
following the low power jack detection. In particular, note that the thermal sensor should be enabled
for normal operation.
A recommended connection circuit, including headphone output on HPOUT1 and microphone
connections, is shown in Figure 39. See “Applications Information” for details of recommended
external components.
Figure 39 Jack Detect and External Accessory Connections
The internal comparator circuit used to detect the JACKDET status is illustrated in Figure 40.
The threshold voltages for the jack detect circuit are noted in the “Electrical Characteristics”. Note that
separate thresholds are defined for jack insertion and jack removal.
JACKDET
+
-
reference
AVDD2
Jack Detect logic
1M
(jack insertion switch)
Note: The illustrated circuit assumes the
jack insertion switch contacts are closed
when jack is inserted.
WM1811A
Figure 40 Jack Detect Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com