Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 132Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 133Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 134Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 135Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 136Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 137Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 138Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 139Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
136
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R209
(00D1h)
Mic Detect 2
7:0
MICD_LVL_SEL
[7:0]
0111_
1111
Mic Detect Level Select
(enables Mic Detection in specific
impedance ranges)
[7] = Not used - must be set to 0
[6] = Enable >475 ohm detection
[5] = Enable 326 ohm detection
[4] = Enable 152 ohm detection
[3] = Enable 77 ohm detection
[2] = Enable 47.6 ohm detection
[1] = Enable 29.4 ohm detection
[0] = Enable 14 ohm detection
Note that the impedance values
quoted assume that a microphone
(475ohm-30kohm) is also present on
the MICDET pin.
R210
(00D2h)
Mic Detect 3
10:2
MICD_LVL [8:0]
0_0000_
0000
Mic Detect Level
(indicates the measured impedance)
[8] = Not used
[7] = >475 ohm, <30k ohm
[6] = 326 ohm
[5] = 152 ohm
[4] = 77 ohm
[3] = 47.6 ohm
[2] = 29.4 ohm
[1] = 14 ohm
[0] = <3 ohm
Note that the impedance values
quoted assume that a microphone
(475ohm-30kohm) is also present on
the MICDET pin.
1
MICD_VALID
0
Mic Detect Data Valid
0 = Not Valid
1 = Valid
0
MICD_STS
0
Mic Detect Status
0 = No Mic Accessory present
(impedance is >30k ohm)
1 = Mic Accessory is present
(impedance is <30k ohm)
Table 78 Microphone Detect Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com