Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 140 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 140 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 136Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 137Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 138Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 139Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 140Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 141Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 142Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 143Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 144Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
140
GENERAL PURPOSE INPUT/OUTPUT
The WM1811A provides a number of GPIO functions to enable interfacing and detection of external
hardware and to provide logic outputs to other devices. The input functions can be polled directly or
can be used to generate an Interrupt (IRQ) event. The GPIO and Interrupt circuits support the
following functions:
Alternate interface functions (AIF3)
Button detect (GPIO input)
Logic ‘1’ and logic ‘0’ output (GPIO output)
Interrupt (IRQ) status output
Over-Temperature detection
Microphone accessory status detection
Frequency Locked Loop (FLL) Lock status output
Sample Rate Conversion (SRC) Lock status output
Dynamic Range Control (DRC) Signal activity detection
Digital Core FIFO error status output
Clock output (SYSCLK divided by OPCLK_DIV)
Frequency Locked Loop (FLL) Clock output
GPIO CONTROL
For each GPIO, the selected function is determined by the GPn_FN field, where n identifies the GPIO
pin (1, 8, 9, 10, 11). The pin direction, set by GPn_DIR, must be set according to function selected by
GPn_FN.
The digital audio interface AIF3 is supported using GPIO pins; the applicable pin functions are
selected by setting the corresponding GPn_FN register to 00h. The ADCLRCLK1 function for AIF1 is
supported on GPIO1. See Table 80 for the definition of which AIF function is available on each GPIO
pin.
See “Digital Audio Interface Control” for details of AIF2 and AIF3.
When a pin is configured as a GPIO input (GPn_DIR = 1), the logic level at the pin can be read from
the respective GPn_LVL bit. Note that GPn_LVL is not affected by the GPn_POL bit.
A de-bounce circuit can be enabled on any GPIO input, to avoid false event triggers. This is enabled
on each pin by setting the respective GPn_DB bit.
When a pin is configured as a Logic Level output (GPn_DIR = 0, GPn_FN = 01h), its level can be set
to logic 0 or logic 1 using the GPn_LVL field.
When a pin is configured as an output (GPn_DIR = 0), the polarity can be inverted using the
GPn_POL bit. When GPn_POL = 1, then the selected output function is inverted. In the case of Logic
Level output (GPn_FN = 01h), the external output will be the opposite logic level to GPn_LVL when
GPn_POL = 1.
A GPIO output can be either CMOS driven or Open Drain. This is selected on each pin using the
respective GPn_OP_CFG bit.
Internal pull-up and pull-down resistors may be enabled using the GPn_PU and GPn_PD fields; this
allows greater flexibility to interface with different signals from other devices.(Note that if GPn_PU and
GPn_PD are both set for any GPIO pin, then the pull-up and pull-down will be disabled.)
Each of the GPIO pins is an input to the Interrupt control circuit and can be used to trigger an Interrupt
event. An interrupt event is triggered on the rising and falling edge of the GPIO input. The associated
interrupt bit is latched once set; it can be polled at any time or used to control the IRQ signal. See
“Interrupts” for more details of the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com