Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 143 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 143 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 139Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 140Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 141Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 142Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 143Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 144Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 145Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 146Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 147Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
143
BUTTON DETECT (GPIO INPUT)
Button detect functionality can be selected on any GPIO pin by setting the respective GPIO registers
as described in “GPIO Control”. The same functionality can be used to support a Jack Detect input
function.
It is recommended to enable the GPIO input de-bounce feature when using GPIOs as button input or
Jack Detect input.
The GPn_LVL fields may be read to determine the logic levels on a GPIO input, after the selectable
de-bounce controls.Note that GPn_LVL is not affected by the GPn_POL bit.
The de-bounced GPIO signals are also inputs to the Interrupt control circuit. An interrupt event is
triggered on the rising and falling edge of the GPIO input. The associated interrupt bits are latched
once set; it can be polled at any time or used to control the IRQ signal. See “Interrupts” for more
details of the Interrupt event handling.
LOGIC ‘1’ AND LOGIC ‘0’ OUTPUT (GPIO OUTPUT)
The WM1811A can be programmed to drive a logic high or logic low level on any GPIO pin by
selecting the “GPIO Output” function as described in “GPIO Control”. The output logic level is selected
using the respective GPn_LVL bit.
Note that the polarity of the GPIO output can be inverted using the GPn_POL registers. If GPn_POL =
1, then the external output will be the opposite logic level to GPn_LVL.
INTERRUPT (IRQ) STATUS OUTPUT
The WM1811A has an Interrupt Controller which can be used to indicate when any selected Interrupt
events occur. An interrupt can be generated by any of the events described throughout the GPIO
function definition above. Individual interrupts may be masked in order to configure the Interrupt as
required. See “Interrupts” for further details.
The Interrupt (IRQ) status may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
OVER-TEMPERATURE DETECTION
The WM1811A incorporates a temperature sensor which detects when the device temperature is
within normal limits or if the device is approaching a hazardous temperature condition.
The Temperature status may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”. Any GPIO pin can be used to indicate either a Warning
Temperature event or the Shutdown Temperature event. De-bounce can be applied to the applicable
signal using the register bits described in Table 81.
The Warning Temperature and Shutdown Temperature status are inputs tothe Interrupt control circuit,
after the selectable de-bounce. An interrupt event may be triggered on the rising and falling edges of
these signals. The associated interrupt bit is latched once set; it can be polled at any time or used to
control the IRQ signal. See “Interrupts” for more details of the Interrupt event handling.
Note that the temperature sensor can be configured to automatically disable the audio outputs of the
WM1811A (see “Thermal Shutdown”). In some applications, it may be preferable to manage the
temperature sensor event through GPIO or Interrupt functions, allowing a host processor to implement
a controlled system response to an over-temperature condition.
The temperature sensor must be enabled by setting the TSHUT_ENA register bit. When the
TSHUT_OPDIS is also set, then a device over-temperature condition will cause the speaker outputs
(SPKOUTL and SPKOUTR) of the WM1811A to be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com