Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 145 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 145 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 141Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 142Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 143Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 144Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 145Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 146Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 147Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 148Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 149Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
145
DYNAMIC RANGE CONTROL (DRC) SIGNAL ACTIVITY DETECTION
Signal activity detection is provided on each of the Dynamic Range Controllers (DRCs). These may be
configured to indicate when a signal is present on the respective signal path. The signal activity status
signals may be used to control other events if required. See “Digital Core Architecture” for more
details of the DRCs and the available digital signal paths.
When a DRC is enabled, as described in “Dynamic Range Control (DRC)”, then signal activity
detection can be enabled by setting the respective [DRC]_SIG_DET register bit. The applicable
threshold can be defined either as a Peak level (Crest Factor) or an RMS level, depending on the
[DRC]_SIG_DET_MODE register bit. When Peak level is selected, the threshold is determined by
[DRC]_SIG_DET_PK, which defines the applicable Crest Factor (Peak to RMS ratio) threshold. If
RMS level is selected, then the threshold is set using [DRC]_SIG_DET_RMS. These register fields
are set independently for each of the three Dynamic Range Controllers, as described in Table 82.
When the DRC is enabled in any of the ADC (digital record) paths, the associated High Pass Filter
(HPF) must be enabled also; this ensures that DC offsets are removed prior to the DRC processing.
The output path HPF control registers are described in Table 37 (for AIF1 output paths) and Table 45
(for AIF2 output paths). These are described in the “Digital Volume and Filter Control” section.
The DRC Signal Detect signals may be output directly on any GPIO pin by setting the respective
GPIO registers as described in “GPIO Control”.
The DRC Signal Detect signals are inputs to the Interrupt control circuit. An interrupt event is triggered
on the rising edge of the DRC Signal Detect signals. The associated interrupt bits are latched once
set; they can be polled at any time or used to control the IRQ signal. See “Interrupts” for more details
of the Interrupt event handling.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1088
(0440h)
AIF1 DRC1
(1)
15:11
AIF1DRC1_SIG_
DET_RMS [4:0]
00000
AIF1 DRC Signal Detect RMS
Threshold.
This is the RMS signal level for signal
detect to be indicated when
AIF1DRC1_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB
10:9
AIF1DRC1_SIG_
DET_PK [1:0]
00
AIF1 DRC Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
AIF1DRC1_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
7
AIF1DRC1_SIG_
DET_MODE
1
AIF1 DRC Signal Detect Mode
0 = Peakthreshold mode
1 = RMSthreshold mode
6
AIF1DRC1_SIG_
DET
0
AIF1 DRC Signal Detect Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com