Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 141 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 141 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 137Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 138Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 139Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 140Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 141Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 142Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 143Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 144Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 145Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
141
The register fields that control the GPIO pins are described inTable 79.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1792
(0700h)
GPIO1
R1799
(0707h)
GPIO8
to
R1802
(070Ah)
GPIO11
15
GPn_DIR
1
GPIOn Pin Direction
0 = Output
1 = Input
14
GPn_PU
0
GPIOnPull-Up Enable
0 = Disabled
1 = Enabled
13
GPn_PD
1
GPIOn Pull-Down Enable
0 = Disabled
1 = Enabled
10
GPn_POL
0
GPIOn Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
9
GPn_OP_CFG
0
GPIOn Output Configuration
0 = CMOS
1 = Open Drain
8
GPn_DB
1
GPIOn Input De-bounce
0 = Disabled
1 = Enabled
6
GPn_LVL
0
GPIOn level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
For output functions only, when
GPn_POL is set, the register
contains the opposite logic level to
the external pin.
4:0
GPn_FN [4:0]
GPIOn Pin Function
(see Table 80 for details)
GP1_FN default = 0000
GP8_FN default = 0001
GP9_FN default = 0001
GP10_FN default = 0001
GP11_FN default = 0001
Note:n is a number (1, 8, 9, 10, 11) that identifies the individual GPIO.
Table 79 GPIO1, GPIO8, GPIO9, GPIO10 to GPIO11 Control
GPIO FUNCTION SELECT
The available GPIO functions are described in Table 80. The function of each GPIO is set using the
GPn_FN register, where n identifies the GPIO pin (1, 8, 9, 10, 11). Note that the respective GPn_DIR
must also be set according to whether the function is an input or output.
GPn_FN
DESCRIPTION
COMMENTS
00h
GPIO1 - ADCLRCLK1
GPIO8 - DACDAT3
GPIO9 - ADCDAT3
GPIO10 - LRCLK3
GPIO11 - BCLK3
Alternate Audio Interface connections.
01h
Button detect input /
Logic level output
GPn_DIR = 0: GPIO pin logic level is set by GPn_LVL.
GPn_DIR = 1: Button detect or logic level input.
02h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com