Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 142 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 142 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 138Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 139Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 140Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 141Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 142Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 143Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 144Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 145Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 146Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
142
GPn_FN
DESCRIPTION
COMMENTS
03h
IRQ
Interrupt (IRQ) output
0 = IRQ not asserted
1 = IRQ asserted
04h
Temperature
(Shutdown) status
output
Indicates Temperature Shutdown Sensor status
0 = Temperature is below shutdown level
1 = Temperature is above shutdown level
05h
Microphone Detect
Microphone Detect (MICDET accessory) IRQ output
A single 31
s pulse is output whenever an accessory
insertion, removal or impedance change is detected.
06h
Reserved
07h
Reserved
08h
Reserved
09h
FLL1 Lock
Indicates FLL1 Lock status
0 = Not locked
1 = Locked
0Ah
FLL2 Lock
Indicates FLL2 Lock status
0 = Not locked
1 = Locked
0Bh
SRC1 Lock
Indicates SRC1 Lock status
0 = Not locked
1 = Locked
0Ch
SRC2 Lock
Indicates SRC2 Lock status
0 = Not locked
1 = Locked
0Dh
AIF1 DRC1 Signal
Detect
Indicates AIF1 DRC Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
0Eh
Reserved
0Fh
AIF2 DRC Signal
Detect
Indicates AIF2 DRC Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
10h
Reserved
11h
FIFO Error
Indicates a Digital Core FIFO Error condition
0 = Normal operation
1 = FIFO Error
12h
Clock Output OPCLK
GPIO Clock derived from SYSCLK
13h
Temperature (Warning)
status output
Indicates Temperature Warning Sensor status
0 = Temperature is below warning level
1 = Temperature is above warning level
14h
DC Servo Done
Indicates DC Servo status on HPOUT1L and HPOUT1R
0 = DC Servo not complete
1 = DC Servo complete
15h
FLL1 Clock Output
Clock output from FLL1
16h
FLL2 Clock Output
Clock output from FLL2
17h to 1Fh
Reserved
Table 80 GPIO Function Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com