Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 142Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 143Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 144Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 145Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 146Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 147Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 148Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 149Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
146
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1344
(0540h)
AIF2 DRC (1)
15:11
AIF2DRC_SIG_D
ET_RMS [4:0]
00000
AIF2 DRC Signal Detect RMS
Threshold.
This is the RMS signal level for signal
detect to be indicated when
AIF2DRC_SIG_DET_MODE=1.
00000 = -30dB
00001 = -31.5dB
…. (1.5dB steps)
11110 = -75dB
11111 = -76.5dB
10:9
AIF2DRC_SIG_D
ET_PK [1:0]
00
AIF2 DRC Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
AIF2DRC_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
7
AIF2DRC_SIG_D
ET_MODE
1
AIF2 DRC Signal Detect Mode
0 = Peakthreshold mode
1 = RMSthreshold mode
6
AIF2DRC_SIG_D
ET
0
AIF2 DRC Signal Detect Enable
0 = Disabled
1 = Enabled
Table 82 DRC Signal Activity Detect GPIO/Interrupt Control
DIGITAL CORE FIFO ERROR STATUS DETECTION
The WM1811A monitors the Digital Core for error conditions which may occur if a clock rate mismatch
is detected. Under these conditions, the digital audio may become corrupted.
The most likely cause of a Digital Core FIFO Error condition is an incorrect system clocking
configuration. See “Clocking and Sample Rates” for the WM1811A system clocking requirements.
The Digital Core FIFO Error function is provided in order that the systemconfiguration can be verified
during product development.
The FIFO Error signal may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The FIFO Error signal is an input to the Interrupt control circuit. An interrupt event is triggered on the
rising edge of the FIFO Error signal. The associated interrupt bit is latched once set; it can be polled at
any time or used to control the IRQ signal. See “Interrupts” for more details of the Interrupt event
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com