Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 145Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 146Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 147Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 148Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 149Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 150Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 151Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 152Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
149
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1840
(0730h)
Interrupt
Status 1
10
GP11_EINT
0
GPIO11 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
9
GP10_EINT
0
GPIO10 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
8
GP9_EINT
0
GPIO9 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
7
GP8_EINT
0
GPIO8 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
5
JACKDET_E
INT
0
Jack Detect Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
0
GP1_EINT
0
GPIO1 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
R1841
(0731h)
Interrupt
Status 2
15
TEMP_WAR
N_EINT
0
Temperature Warning Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
14
DCS_DONE
_EINT
0
DC Servo Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
12
FIFOS_ERR
_EINT
0
Digital Core FIFO Error Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
11
AIF2DRC_SI
G_DET_EIN
T
0
AIF2 DRC Activity Detect Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
9
AIF1DRC1_
SIG_DET_EI
NT
0
AIF1 DRC Activity Detect Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
8
SRC2_LOC
K_EINT
0
SRC2 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
7
SRC1_LOC
K_EINT
0
SRC1 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
6
FLL2_LOCK
_EINT
0
FLL2 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
5
FLL1_LOCK
_EINT
0
FLL1 Lock Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
1
MICD_EINT
0
Microphone Detection Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
0
TEMP_SHU
T_EINT
0
Temperature Shutdown Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com