| Electronic Components Datasheet Search |
|
WM1811A Datasheet(PDF) 153 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM1811A Datasheet(HTML) 153 Page - Wolfson Microelectronics plc |
|
153 / 328 page ![]() Production Data WM1811A w PD, November 2013, Rev 4.1 153 All four of these modes are MSB first. They are described inthe following sections. Refer to the “Signal Timing Requirements” section for timing information. Time Division Multiplexing (TDM) is available in all four data format modes. The WM1811A can be configured to transmit and receive in one of two timeslots. Two variants of DSP mode are supported - ‘Mode A’ and ‘Mode B’. Mono operation can be selected on either audio interface in both DSP modes. PCM operation is supported using the DSP mode. MASTER AND SLAVE MODE OPERATION The WM1811A digital audio interfaces can operate as a master or slave as shown in Figure 45 and Figure 46. The associated control bits are described in “Digital Audio Interface Control”. Figure 45 Master Mode Figure 46 Slave Mode OPERATION WITH TDM Time division multiplexing (TDM) allows multiple devices to transfer data simultaneously on the same bus. The WM1811A ADCs and DACs support TDM in master and slave modes for all data formats and word lengths. TDM is enabled and configured using register bits defined in the “Digital Audio Interface Control” section. WM1811A Processor WM1811A or similar CODEC ADCDAT LRCLK DACDAT BCLK ADCDAT LRCLK DACDAT BCLK WM1811A Processor WM1811A or similar CODEC ADCDAT LRCLK DACDAT BCLK ADCDAT LRCLK DACDAT BCLK Figure 47 TDM with WM1811A as Master Figure 48 TDM with Other CODEC as Master |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |