Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 153Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 154Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 155Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 156Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 157Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 158Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 159Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 160Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
157
Mono mode operation is available in DSP interface mode. When Mono mode is enabled, the audio
data is transmitted or received starting on either the 1
st (mode B) or 2nd (mode A) rising edge of BCLK
following a rising edge of LRCLK.
PCM operation is supported in DSP interface mode. WM1811A ADC data that is output on the Left
Channel will be read as mono PCM data by the receiving equipment. Mono PCM data received by the
WM1811A will be treated as Left Channel data. This data may be routed to the Left/Right DACs using
the control fields described in the“Digital Mixing” and “Digital Audio Interface Control” sections.
AUDIO DATA FORMATS (TDM MODE)
TDM is supported in master and slave modes. All audio interface data formats support time division
multiplexing (TDM) for ADC and DAC data.
On AIF1, the TDM format is enabled by register control (AIF1ADC_TDM and AIF1DAC_TDM for the
output and input paths respectively). When TDM is enabled on AIF1, the data formats shown in Figure
57 to Figure 61 are always selected, and the WM1811A transmits or receives AIF1 data in one of the
two available timeslots; the ADCDAT1 output is tri-stated when not outputting data.
Two AIF1 time slots are available (Slot 0 and Slot 1), selected by register bits AIF1ADC_TDM_CHAN
and AIF1DAC_TDM_CHAN; these determine the active time slot for the ADC data and the DAC data
respectively.
On AIF2, the TDM format is enabled by register control (AIF2ADC_TDM and AIF2DAC_TDM for the
output and input paths respectively). When TDM is enabled on AIF2, the data formats shown in Figure
57 to Figure 61 are always selected, and the WM1811A transmits or receives AIF2 data in one of the
two available timeslots; the ADCDAT2 output is tri-stated when not outputting data.
Two AIF2 time slots are available (Slot 0 and Slot 1), selected by register bits AIF2ADC_TDM_CHAN
and AIF2DAC_TDM_CHAN; these determine the active time slot for the ADC data and the DAC data
respectively.
When TDM is enabled, the ADCDAT pin will be tri-stated immediately before and immediately after
data transmission, to allow another ADC device to drive this signal line for the remainder of the
sample period. Note that it is important that two ADC devices do not attempt to drive the data pin
simultaneously. A short circuit may occur if the transmission time of the two ADC devices overlap with
each other. See “Audio Interface Timing” for details of the ADCDAT output relative to BCLK signal.
Note that it is possible to ensure a gap exists between transmissions by setting the transmitted word
length to a value higher than the actual length of the data. For example, if 32-bit word length is
selected where only 24-bit data is available, then the WM1811A interface will tri-state after
transmission of the 24-bit data, ensuring a gap after the WM1811A TDM slot.
When TDM is enabled, the BCLK frequency must be high enough to allow data from both time slots to
be transferred. The relative timing of Slot 0 and Slot 1 depends upon the selected data format, as
shown in Figure 57 to Figure 61.
Figure 57 TDM in Right-Justified Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com