Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 160 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 160 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 156Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 157Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 158Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 159Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 160Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 161Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 162Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 163Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 164Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
160
AIF1 - SIGNAL PATH ENABLE
The AIF1 interface supports two input channels and two output channels. Each of the available
channels can be enabled or disabled using the register bits defined in Table 86. These register
controls are illustrated in Figure 66.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (0004h)
Power
Management
(4)
9
AIF1ADC1L
_ENA
0
Enable AIF1ADC (Left) output path
0 = Disabled
1 = Enabled
8
AIF1ADC1R
_ENA
0
Enable AIF1ADC (Right) output path
0 = Disabled
1 = Enabled
R5 (0005h)
Power
Management
(5)
9
AIF1DAC1L
_ENA
0
Enable AIF1DAC (Left) input path
0 = Disabled
1 = Enabled
8
AIF1DAC1R
_ENA
0
Enable AIF1DAC (Right) input path
0 = Disabled
1 = Enabled
Table 86 AIF1 Signal Path Enable
AIF1 - BCLK AND LRCLK CONTROL
The BCLK1 frequency is controlled relative to AIF1CLK by the AIF1_BCLK_DIV divider. See “Clocking
and Sample Rates” for details of the AIF1 clock, AIF1CLK.
The LRCLK1 frequency is controlled relative to BCLK1 by the AIF1DAC_RATE divider.
In Master mode, the LRCLK1 output is generated by the WM1811A when any of the AIF1 channels is
enabled. (Note that, when GPIO1 is configured as ADCLRCLK1, then only the AIF1 DAC channels will
cause LRCLK1 to be output.)
In Slave mode, the LRCLK1 output is disabled by default to allow another digital audio interface to
drive this pin. It is also possible to force the LRCLK1 signal to be output, using the
AIF1DAC_LRCLK_DIR or AIF1ADC_LRCLK_DIR register bits, allowing mixed master and slave
modes. (Note that, when GPIO1 is configured as ADCLRCLK1, then only the AIF1DAC_LRCLK_DIR
bit will force the LRCLK1 signal.)
When the GPIO1 pin is configured as ADCLRCLK1, then the ADCLRCLK1 frequency is controlled
relative to BCLK1 by the AIF1ADC_RATE divider. In this case, the ADCLRCLK1 is dedicated to AIF1
output, and the LRCLK1 pin is dedicated to AIF1 input, allowing different sample rates to be supported
in the two paths.
In Master mode, with GPIO1 pin configured as ADCLRCLK1, this output is enabled when any of the
AIF1 ADC channels is enabled. The ADCLRCLK1 signal can also be enabled in Slave mode, using
the AIF1ADC_LRCLK_DIR bit, allowing mixed master and slave modes.
When the GPIO1 pin is not configured as ADCLRCLK1, then the LRCLK1 signal applies to the ADC
and DAC channels, at a rate set by AIF1DAC_RATE.
See “General Purpose Input/Output” for the configuration of GPIO1.Note that, in Ultrasonic (4FS)
mode, the GPIO1 pin must be configured as ADCLRCLK1.
The BCLK1 output can be inverted using the AIF1_BCLK_INV register bit. The LRCLK1 and
ADCLRCLK1 output (when selected) can be inverted using the AIF1DAC_LRCLK_INV and
AIF1ADC_LRCLK_INV register controls respectively.
Note that in Slave mode, when BCLK1 is an input, the AIF1_BCLK_INV register selects the polarity of
the received BCLK1 signal. Under default conditions, DACDAT1 input is captured on the rising edge
of BCLK1, as illustrated in Figure 4. When AIF1_BCLK_INV = 1, DACDAT1 input is captured on the
falling edge of BCLK1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com