Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 163 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 163 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 159Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 160Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 161Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 162Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 163Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 164Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 165Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 166Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 167Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
163
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R773 (0305h)
AIF1DAC
LRCLK
12
AIF1DAC_L
RCLK_INV
0
Right, left and I
2S modes – LRCLK1 polarity
0 = normal LRCLK1 polarity
1 = invert LRCLK1 polarity
Note that AIF1DAC_LRCLK_INV selects the
LRCLK1 polarity in Master mode and in Slave
mode.
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK1 rising
edge after LRCLK1 rising edge (mode A)
1 = MSB is available on 1st BCLK1 rising
edge after LRCLK1 rising edge (mode B)
11
AIF1DAC_L
RCLK_DIR
0
Allows LRCLK1 to be enabled in Slave mode
0 = Normal
1 = LRCLK1 enabled in Slave mode
10:0
AIF1DAC_R
ATE [10:0]
040h
LRCLK1 Rate
LRCLK1 clock output =
BCLK1 / AIF1DAC_RATE
Integer (LSB = 1)
Valid from 8..2047
Table 87 AIF1 BCLK and LRCLK Control
AIF1 - DIGITAL AUDIO DATA CONTROL
The register bits controlling the audio data format, word length, left/right channel selection and TDM
control for AIF1 are described in Table 88.
When TDM mode is enabled on AIF1, the WM1811A can transmit and receive audio data in Slot 0 or
Slot 1. In this case, the ADCDAT1 output is tri-stated during the unused timeslot, allowing another
device to transmit data on the same pin. See “Signal Timing Requirements” for the associated timing
details.(Note that, when TDM is not enabled on AIF1, the ADCDAT1 output is driven logic ‘0’ during
the unused timeslot.)
In DSP mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising edge
of BCLK following a rising edge of LRCLK (assuming default BCLK polarity).
When the AIF1DAC_LRCLK_INV bit is set in DSP mode, then DSP Mode B is selected for the AIF1
digital input (playback) signal path. When the AIF1DAC_LRCLK_INV bit is not set, then DSP Mode A
is selected.
When the AIF1ADC_LRCLK_INV bit is set in DSP mode, then DSP Mode B is selected for the AIF1
digital output (record) signal path. When the AIF1ADC_LRCLK_INV bit is not set, then DSP Mode A is
selected.
Note that the DSP Mode is selected independently for the input/output paths of each digital audio
interface. Also note that the AIF1ADCLRCLK_INV bits remain valid even when the LRCLK signal is
common for both paths. See Table 87 for details of the AIF1DAC_LRCLK_INV and
AIF1ADC_LRCLK_INV register fields.
A digital gain function is available at the audio interface input path to boost the DAC volume when a
small signal is received on DACDAT1. This is controlled using the AIF1DAC_BOOST register. To
prevent clipping, this function should not be used when the boosted data is expected to be greater
than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768 (0300h)
AIF1 Control
(1)
15
AIF1ADCL_
SRC
0
AIF1 Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com