Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 165 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 165 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 161Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 162Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 163Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 164Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 165Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 166Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 167Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 168Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 169Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
165
AIF1 - MONO MODE
AIF1 can be configured to operate in mono DSP mode by setting AIF1_MONO = 1 as described in
Table 89. Note that mono mode is only supported in DSP mode, ie when AIF1_FMT = 11.
In mono mode, the Left channel data or the Right channel data may be selected for output on
ADCDAT1. The selected channel is determined by the AIF1ADC1L_ENA and AIF1ADC1R_ENA bits.
(If both bits are set, then the Right channel data is selected.)
In mono mode, the DACDAT1 input can be enabled on the Left and/or Right signal paths using the
AIF1DAC1L_ENA and AIF1DAC1R_ENA bits. The mono input can be enabled on both paths at the
same time if required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769 (0301h)
AIF1 Control
(2)
8
AIF1_MONO
0
AIF1 DSP Mono Mode
0 = Disabled
1 = Enabled
Note that Mono Mode is only supported when
AIF1_FMT = 11.
Table 89 AIF1 Mono Mode Control
AIF1 - COMPANDING
The WM1811A supports A-law and
-law companding on both transmit (ADC) and receive (DAC)
sides of AIF1. This is configured using the register bits described inTable 90.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769 (0301h)
AIF1 Control
(2)
4
AIF1DAC_C
OMP
0
AIF1 Receive Companding Enable
0 = Disabled
1 = Enabled
3
AIF1DAC_C
OMPMODE
0
AIF1 Receive Companding Type
0 = µ-law
1 = A-law
2
AIF1ADC_C
OMP
0
AIF1 Transmit Companding Enable
0 = Disabled
1 = Enabled
1
AIF1ADC_C
OMPMODE
0
AIF1 Transmit Companding Type
0 = µ-law
1 = A-law
Table 90 AIF1 Companding
Companding involves using a piecewise linear approximation of the following equations (as set out by
ITU-T G.711 standard) for data compression:
-law (where =255 for the U.S. and Japan):
F(x) = ln( 1 +
|x|) / ln( 1 + )
} for -1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
 for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
 for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSBs of
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com