Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 169 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 169 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 165Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 166Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 167Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 168Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 169Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 170Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 171Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 172Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 173Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
169
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AIF2TXR_E
NA
1
Enable AIF2DAC (Right) input path
0 = Disabled
1 = Enabled
This bit must be set for AIF2 output of the
AIF2ADC (Left) signal. For AIF3 output only,
this bit can be set to 0.
Table 95 AIF2 Signal Path Enable
AIF2 - BCLK AND LRCLK CONTROL
The BCLK2 frequency is controlled relative to AIF2CLK by the AIF2_BCLK_DIV divider. See “Clocking
and Sample Rates” for details of the AIF2 clock, AIF2CLK.
The LRCLK2 frequency is controlled relative to BCLK2 by the AIF2DAC_RATE divider.Note that the
LRCLK2 signal is shared by the AIF2 input and AIF2 output paths; accordingly, the AIF2 input and
AIF2 output must always operate at the same sample rate.
In Master mode, the LRCLK2 output is generated by the WM1811A when any of the AIF2 channels is
enabled.
In Slave mode, the LRCLK2 output is disabled by default to allow another digital audio interface to
drive this pin. It is also possible to force the LRCLK2 signal to be output, using the
AIF2DAC_LRCLK_DIR register bit, allowing mixed master and slave modes.
The
BCLK2
and
LRCLK2
output
can
be
inverted
using
the
AIF2_BCLK_INV
and
AIF2DAC_LRCLK_INV register bits respectively.
Note that in Slave mode, when BCLK2 is an input, the AIF2_BCLK_INV register selects the polarity of
the received BCLK2 signal. Under default conditions, DACDAT2 input is captured on the rising edge
of BCLK2, as illustrated in Figure 4. When AIF2_BCLK_INV = 1, DACDAT2 input is captured on the
falling edge of BCLK2.
The AIF2 clock generators are controlled as illustrated in Figure 65.
Figure 65 Audio Interface 2 - BCLK and LRCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com