Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 167 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 167 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 163Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 164Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 165Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 166Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 167Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 168Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 169Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 170Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 171Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
167
AIF1 - LOOPBACK
The AIF1 interface can provide a Loopback option. When the AIF1_LOOPBACK bit is set, then AIF1
digital audio output is routed to the AIF1 digital audio input. The normal input (DACDAT1) is not used
when AIF1 Loopback is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769 (0301h)
AIF1 Control
(2)
0
AIF1_LOOP
BACK
0
AIF1 Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADCDAT1 data output
is directly input to DACDAT1 data input).
Table 92 AIF1 Loopback
AIF1 - DIGITAL PULL-UP AND PULL-DOWN
The WM1811A provides integrated pull-up and pull-down resistors on each of the DACDAT1, LRCLK1
and BCLK1 pins. This provides a flexible capability for interfacing with other devices.
Each of the pull-up and pull-down resistors can be configured independently using the register bits
described in Table 93. Note that if the Pull-up and Pull-down are both enabled for any pin, then the
pull-up and pull-down will be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1824
(0720h)
Pull Control
(1)
5
DACDAT1_PU
0
DACDAT1 Pull-up enable
0 = Disabled
1 = Enabled
4
DACDAT1_PD
0
DACDAT1 Pull-down enable
0 = Disabled
1 = Enabled
3
DACLRCLK1_
PU
0
LRCLK1 Pull-up enable
0 = Disabled
1 = Enabled
2
DACLRCLK1_
PD
0
LRCLK1 Pull-down enable
0 = Disabled
1 = Enabled
1
BCLK1_PU
0
BCLK1 Pull-up enable
0 = Disabled
1 = Enabled
0
BCLK1_PD
0
BCLK1 Pull-down enable
0 = Disabled
1 = Enabled
Table 93 AIF1 Digital Pull-Up and Pull-Down Control
AIF2 - MASTER / SLAVE AND TRI-STATE CONTROL
The Digital Audio Interface AIF2 can operate in Master or Slave modes, selected by AIF2_MSTR. In
Master mode, the BCLK2 and LRCLK2 signals are generated by the WM1811A when one or more
AIF2 channels is enabled.
When AIF2_LRCLK_FRC or AIF2_CLK_FRC is set in Master mode, then LRCLK2 is output at all
times, including when none of the AIF2 audio channels is enabled. Note that LRCLK2 is derived from
BCLK2, and either an internal or external BCLK2 signal must be present to generate LRCLK2.
When AIF2_CLK_FRC is set in Master mode, then BCLK2 is output at all times, including when none
of the AIF2 audio channels is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com