Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 171 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 171 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 167Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 168Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 169Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 170Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 171Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 172Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 173Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 174Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 175Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
171
AIF2 - DIGITAL AUDIO DATA CONTROL
The register bits controlling the audio data format, word length, left/right channel selection and TDM
control for AIF2 are described in Table 97.
When TDM mode is enabled on AIF2, the WM1811A can transmit and receive audio data in Slot 0 or
Slot 1. In this case, the ADCDAT2 output is tri-stated during the unused timeslot, allowing another
device to transmit data on the same pin. See “Signal Timing Requirements” for the associated timing
details.(Note that, when TDM is not enabled on AIF2, the ADCDAT2 output is driven logic ‘0’ during
the unused timeslot.)
In DSP mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising edge
of BCLK following a rising edge of LRCLK (assuming default BCLK polarity).
When the AIF2DAC_LRCLK_INV bit is set in DSP mode, then DSP Mode B is selected for the AIF2
digital input (playback) signal path. When the AIF2DAC_LRCLK_INV bit is not set, then DSP Mode A
is selected.
When the AIF2ADC_LRCLK_INV bit is set in DSP mode, then DSP Mode B is selected for the AIF2
digital output (record) signal path. When the AIF2ADC_LRCLK_INV bit is not set, then DSP Mode A is
selected.
Note that the DSP Mode is selected independently for the input/output paths of each digital audio
interface. The LRCLK signal is common for both paths so, for typical applications, the
AIF2DAC_LRCLK_INV and AIF2ADC_LRCLK_INV bits should be set to the same value. The
AIF2DAC_LRCLK_INV bit is defined in Table 96.
A digital gain function is available at the audio interface input path to boost the DAC volume when a
small signal is received on DACDAT2. This is controlled using the AIF2DAC_BOOST register. To
prevent clipping, this function should not be used when the boosted data is expected to be greater
than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R784 (0310h)
AIF2 Control
(1)
15
AIF2ADCL_
SRC
0
AIF2 Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIF2ADCR_
SRC
1
AIF2 Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
13
AIF2ADC_T
DM
0
AIF2 transmit (ADC) TDM Enable
0 = Normal ADCDAT2 operation
1 = TDM enabled on ADCDAT2
12
AIF2ADC_T
DM_CHAN
0
AIF2 transmit (ADC) TDM Slot Select
0 = Slot 0
1 = Slot 1
6:5
AIF2_WL
[1:0]
10
AIF2 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-bit modes can be selected using the
“Companding” control bits.
4:3
AIF2_FMT
[1:0]
10
AIF2 Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I
2S Format
11 = DSP Mode
R785 (0311h)
AIF2 Control
(2)
15
AIF2DACL_
SRC
0
AIF2 Left Receive Data Source Select
0 = Left DAC receives left interface data
1 = Left DAC receives right interface data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com