| Electronic Components Datasheet Search |
|
WM1811A Datasheet(PDF) 175 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM1811A Datasheet(HTML) 175 Page - Wolfson Microelectronics plc |
|
175 / 328 page ![]() Production Data WM1811A w PD, November 2013, Rev 4.1 175 AIF3 - SIGNAL PATH CONFIGURATION AND TRI-STATE CONTROL The AIF3 interface provides Mono PCM digital audio paths to/from the AIF2 DSP functions. The AIF3 interface can also support stereo digital audio paths via multiplexers to provide alternate connections to AIF1 or AIF2.The relevant multiplexers are illustrated in Figure 66. AIF1_DACDAT_SRC AIF3_ADCDAT_SRC[1:0] AIF2_ADCDAT_SRC DIGITAL AUDIO INTERFACE 2 (AIF2) DIGITAL AUDIO INTERFACE 1 (AIF1) MONO PCM INTERFACE Left / Right source select / Mono Mix control AIF2DAC_SRC AIF3ADC_SRC[1:0] AIF2_DACDAT_SRC Left / Right source select / Mono Mix control Figure 66 Audio Interface AIF3 Configuration Note that all of the AIF3 connections are supported on pins which also provide GPIO functions. These pins must be configured as AIF functions when used as audio interface pins. See “General Purpose Input/Output”. The GPIO8 pin supports the DACDAT3 function, which provides the input to the AIF3 Mono PCM interface. When AIF3 Mono PCM input is used, this must be configured as an input to the AIF2 input paths using the AIF2DAC_SRC register as described in Table 102. The AIF3 Mono input may be selected on either channel (Left or Right), with AIF2 input enabled on the opposite channel at the same time. When AIF3 Mono PCM input is used, the AIF2 input paths must be enabled using the AIF2DACR_ENA and AIF2DACL_ENA register bits defined in Table 95. The DACDAT3 input pin can also be used as an input (mono or stereo) to AIF1 or AIF2. The data input source for AIF1 is selected using the AIF1_DACDAT_SRC register. The data input source for AIF2 is selected using the AIF2_DACDAT_SRC register. The DACDAT3 input pin can also be routed to the ADCDAT2 output. The ADCDAT2 source is selected using the AIF2_ADCDAT_SRC register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |