Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 178 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 178 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 174Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 175Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 176Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 177Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 178Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 179Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 180Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 181Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 182Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
178
AIF3 - DIGITAL AUDIO DATA CONTROL
The register bits controlling the AIF3Mono PCM interface are described in Table 105.
Note that these registers control the AIF3 Mono PCM interface only; they are not applicable to the
ADCDAT3 and DACDAT3 signal paths when these pins are selected as alternate inputs to the AIF1 or
AIF2 interfaces.
The audio data format for AIF3 is set the same as AIF2; this is controlled using the AIF2_FMT
register, as described in see Table 97.
In DSP mode, the AIF3 Mono channel MSB is available on either the 1
st (mode B) or 2nd (mode A)
rising edge of BCLK following a rising edge of LRCLK. The applicable DSP mode is selected using the
AIF3_LRCLK_INV bit, as described in Table 104.
In Left justified, Right justified and I2S modes, the AIF3 Mono interface data is transmitted and
received in the Left channel data bits of the ADCDAT3 and DACDAT3 channels.
A digital gain function is available at the audio interface input path to boost the DAC volume when a
small signal is received on DACDAT3. This is controlled using the AIF3DAC_BOOST register. To
prevent clipping, this function should not be used when the boosted data is expected to be greater
than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R800 (0320h)
AIF3 Control
(1)
6:5
AIF3_WL
[1:0]
10
AIF3 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-bit modes can be selected using the
“Companding” control bits.
Note that this controls the AIF3 Mono PCM
interface path only; it does not affect AIF3
inputs/outputs routed to AIF1 or AIF2.
R801 (0321h)
AIF3 Control
(2)
11:10
AIF3DAC_B
OOST [1:0]
00
AIF3 Input Path Boost
00 = 0dB
01 = +6dB (input must not exceed -6dBFS)
10 = +12dB (input must not exceed -12dBFS)
11 = +18dB (input must not exceed -18dBFS)
Note that this controls the AIF3 Mono PCM
interface path only; it does not affect
DACDAT3 input to AIF1 or AIF2.
R802 (0322h)
AIF3DAC
Data
0
AIF3DAC_D
AT_INV
0
AIF3 Receive Data Invert
0 = Not inverted
1 = Inverted
Note that this controls the AIF3 Mono PCM
interface path only; it does not affect
DACDAT3 input to AIF1 or AIF2.
R803 (0323h)
AIF3ADC
Data
0
AIF3ADC_D
AT_INV
0
AIF3 Transmit Data Invert
0 = Not inverted
1 = Inverted
Note that this controls the AIF3 Mono PCM
interface path only; it does not affect
ADCDAT3 output from AIF1 or AIF2.
Table 105 AIF3 Digital Audio Data Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com