Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 180 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 180 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 176Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 177Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 178Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 179Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 180Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 181Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 182Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 183Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 184Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
180
CLOCKING AND SAMPLE RATES
The WM1811A requires a clock for each of the Digital Audio Interfaces (AIF1 and AIF2). These may
be derived from a common clock reference, or from independent references. Under typical clocking
configurations, many commonly-used audio sample rates can be derived directly from the external
reference; for additional flexibility, the WM1811A incorporates two Frequency Locked Loop (FLL)
circuits to perform frequency conversion and filtering.
External clock signals may be connected via MCLK1 and MCLK2. In AIF Slave modes, the BCLK or
LRCLK signals may be used as a reference for the AIF clocks.
The WM1811A performs stereo full-duplex sample rate conversion between the audio interfaces AIF1
and AIF2, enabling digital audio to be routed between the interfaces, and asynchronous audio data to
be mixed together. See “Sample Rate Conversion” for further details.
In AIF Slave modes, it is important to ensure the applicable AIF clock (AIF1CLK or AIF2CLK) is
synchronised with the associated external LRCLK. This can be achieved by selecting an MCLK input
that is derived from the same reference as the LRCLK, or can be achieved by selecting the external
BCLK or LRCLK signals as a reference input to one of the FLLs, as a source for the AIF clock.
If the AIF clock is not synchronised with the LRCLK, then clicks arising from dropped or repeated
audio samples will occur, due to the inherent tolerances of multiple, asynchronous, system clocks.
See “Applications Information” for further details on valid clocking configurations.
Clocking for the Audio Interfaces is provided by AIF1CLK and AIF2CLK for AIF1 and AIF2
respectively. An additional internal clock, SYSCLK is derived from either AIF1CLK or AIF2CLK in
order to support the DSP core functions, Charge Pump, Class D switching amplifier, DC servo control
and other internal functions.
The following operating limits must be observed when configuring the WM1811A clocks. Failure to
observe these limits will result in degraded performance and/or incorrect system functionality. Latency
in the WM1811A signal paths is reduced at high SYSCLK frequencies; power consumption is reduced
at low SYSCLK frequencies.
SYSCLK
 12.5MHz
SYSCLK
4.096MHz
SYSCLK
256 x fs (where fs = fastest audio sample rate in use)
AIF1CLK
 12.5MHz
AIF1CLK
 256 x AIF1 sample rate (AIF1_SR)
AIF2CLK
 12.5MHz
AIF2CLK
 256 x AIF2 sample rate (AIF2_SR)
Note that, if DAC_OSR128 = 0 and ADC_OSR128 = 0, then a slower SYSCLK frequency is possible;
in this case, the requirement is SYSCLK
2.048MHz.
Note that, under specific operating conditions, clocking ratios of 128 x fs and 192 x fs are possible;
this is described in the “Digital to Analogue Converter (DAC)” section.
The SYSCLK frequency must be
256 x fs, (where fs is the faster rate of AIF1_SR or AIF2_SR). The
SYSCLK frequency is derived from AIF1CLK or AIF2CLK, as selected by the SYSCLK_SRC register
(see Table 112).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com